Electronic Components Datasheet Search
  English  ▼

X  

ADC3543 Datasheet(PDF) 35 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 31Page - Texas Instruments ADC3543 Datasheet HTML 32Page - Texas Instruments ADC3543 Datasheet HTML 33Page - Texas Instruments ADC3543 Datasheet HTML 34Page - Texas Instruments ADC3543 Datasheet HTML 35Page - Texas Instruments ADC3543 Datasheet HTML 36Page - Texas Instruments ADC3543 Datasheet HTML 37Page - Texas Instruments ADC3543 Datasheet HTML 38Page - Texas Instruments ADC3543 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
FCLK
D12
D11
FCLK
D11
2-Wire
8x Serialization
1-Wire
16x Serialization
DCLK
DCLK
A
1 <15:0>
A
0 <15:0>
A
0
D13
A
0
D11
A
0
D9
A
0
D7
A
0
D5
A
0
D3
A
0
D1
A
0
D12
A
0
D10
A
0
D8
A
0
D6
A
0
D4
A
0
D2
A
0
D0
A
1
D13
A
1
D11
A
1
D9
A
1
D7
A
1
D5
A
1
D3
A
1
D12
A
1
D10
A
1
D8
A
1
D6
A
1
D4
A
1
D2
A
1
D1
A
1
D0
A
0
D15
A
0
D14
A
1
D15
A
1
D14
Figure 7-35. Output Data Format in Real Decimation
Table 7-7 illustrates the output interface data rate along with the corresponding DCLK/DCLKIN and FCLK
frequencies based on output resolution (R), number of serial CMOS lanes (L) and real decimation setting (M).
Furthermore the table shows an actual lane rate example for the 2- and 1-wire interface, 16-bit output resolution
and real decimation by 16.
Table 7-7. Serial CMOS Lane Rate Examples with Real Decimation and 16-bit Output Resolution
DECIMATION
SETTING
ADC SAMPLING
RATE
OUTPUT
RESOLUTION
# of WIRES
FCLK
DCLKIN, DCLK
DOUT
M
FS
R
L
FS / M / 2 (L = 2)
FS / M (L = 1)
[DOUT] / 2
FS x R / L / M
16
65 MSPS
16
2
2.03125 MHz
16.25 MHz
32.5 MHz
1
4.0625 MHz
32.5 MHz
65 MHz
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com