Electronic Components Datasheet Search
  English  ▼

X  

ADC3543 Datasheet(PDF) 44 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 40Page - Texas Instruments ADC3543 Datasheet HTML 41Page - Texas Instruments ADC3543 Datasheet HTML 42Page - Texas Instruments ADC3543 Datasheet HTML 43Page - Texas Instruments ADC3543 Datasheet HTML 44Page - Texas Instruments ADC3543 Datasheet HTML 45Page - Texas Instruments ADC3543 Datasheet HTML 46Page - Texas Instruments ADC3543 Datasheet HTML 47Page - Texas Instruments ADC3543 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
7.6.1 Detailed Register Description
Figure 7-41. Register 0x00
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
RESET
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-15. Register 0x00 Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
R/W
0
Must write 0
0
RESET
R/W
0
This bit resets all internal registers to the default values and self
clears to 0.
Figure 7-42. Register 0x05/6
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
DIE TEMP [0]
DIE TEMP [8:1]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-16. Register 0x05/6 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DIE TEMP [8:0]
R
0
This registers contains the output of the internal temperature
sensor. The read out value corresponds to on-chip temperature
in °C. The MSB corresponds to + or - while the 8 LSBs contain
the temperature value. 0x019 corresponds to +25°C and 0x119
to - 25 °C.
ADC3541
SBAS840 – JULY 2020
www.ti.com
44
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com