Electronic Components Datasheet Search
  English  ▼

X  

ADC3543 Datasheet(PDF) 47 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 43Page - Texas Instruments ADC3543 Datasheet HTML 44Page - Texas Instruments ADC3543 Datasheet HTML 45Page - Texas Instruments ADC3543 Datasheet HTML 46Page - Texas Instruments ADC3543 Datasheet HTML 47Page - Texas Instruments ADC3543 Datasheet HTML 48Page - Texas Instruments ADC3543 Datasheet HTML 49Page - Texas Instruments ADC3543 Datasheet HTML 50Page - Texas Instruments ADC3543 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
Figure 7-46. Register 0x0D (PDN GLOBAL MASK)
7
6
5
4
3
2
1
0
0
0
MASK REFSYS
A
0
MASK CLKBUF MASK REFAMP MASK BG DIS
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-21. Register 0x0D Field Descriptions
Bit
Field
Type
Reset
Description
7
0
R/W
0
Must write 0
6
0
R/W
0
Must write 0
5
MASK REFSYS A
R/W
0
Global power down mask control for internal bias currents, ADC
channel A.
0: Internal bias currents will get powered down when global
power down is exercised.
1: Internal bias currents will NOT get powered down when global
power down is exercised.
4
0
R/W
0
Must write 0
3
MASK CLKBUF
R/W
0
Global power down mask control for sampling clock input buffer.
0: Clock buffer will get powered down when global power down
is exercised.
1: Clock buffer will NOT get powered down when global power
down is exercised.
2
MASK REFAMP
R/W
0
Global power down mask control for reference amplifier.
0: Reference amplifier will get powered down when global power
down is exercised.
1: Reference amplifier will NOT get powered down when global
power down is exercised.
1
MASK BG DIS
R/W
0
Global power down mask control for internal 1.2V bandgap
voltage reference. Setting this bit reduces power consumption in
global power down mode but increases the wake up time. See
the power down option overview.
0: Internal 1.2V bandgap voltage reference will NOT get
powered down when global power down is exercised.
1: Internal 1.2V bandgap voltage reference will get powered
down when global power down is exercised.
0
0
R/W
0
Must write 0
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com