Electronic Components Datasheet Search
  English  ▼

X  

ADC3543 Datasheet(PDF) 61 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 61 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 57Page - Texas Instruments ADC3543 Datasheet HTML 58Page - Texas Instruments ADC3543 Datasheet HTML 59Page - Texas Instruments ADC3543 Datasheet HTML 60Page - Texas Instruments ADC3543 Datasheet HTML 61Page - Texas Instruments ADC3543 Datasheet HTML 62Page - Texas Instruments ADC3543 Datasheet HTML 63Page - Texas Instruments ADC3543 Datasheet HTML 64Page - Texas Instruments ADC3543 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
8.2 Initialization Set Up
After power-up, the internal registers must be initialized to their default values through a hardware reset by
applying a high pulse on the RESET pin, as shown in Figure 8-3.
1. Apply AVDD and IOVDD (no specific sequence required). After AVDD is applied the internal bandgap
reference will power up and settle out in ~ 2ms.
2. Configure REFBUF pin (pull high or low even if configured via SPI later on) and apply the sampling clock.
3. Apply hardware reset. After hardware reset is released, the default registers are loaded from internal fuses
and the internal power up capacitor calibration is initiated. The calibration takes approximately 200000 clock
cycles.
4. Begin programming using SPI interface.
AVDD
IOVDD
RESET
SEN
t
1
t
3
REFBUF
Ext VREF
CLK
t
2
Figure 8-3. Initialization of serial registers after power up
Table 8-5. Power-up timing
MIN
TYP
MAX
UNIT
t1
Power-on delay: delay from power up to logic level of REFBUF pin
2
ms
t2
Delay from REFBUF pin logic level to RESET rising edge
100
ns
t4
RESET pulse width
1
us
t5
Delay from RESET disable to SEN active
~ 200000
clock cycles
8.2.1 Register Initialization
If required, the serial interface registers can be cleared and reset to default settings during operation either:
• through a hardware reset
• by applying a software reset. When using the serial interface, set the RESET bit (D0 in register address 0x00)
high. This setting initializes the internal registers to the default values and then self-resets the RESET bit low.
In this case, the RESET pin is kept low.
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com