Electronic Components Datasheet Search
  English  ▼

X  

OPA861IDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA861IDBVT Datasheet HTML 6Page - Texas Instruments OPA861IDBVT Datasheet HTML 7Page - Texas Instruments OPA861IDBVT Datasheet HTML 8Page - Texas Instruments OPA861IDBVT Datasheet HTML 9Page - Texas Instruments OPA861IDBVT Datasheet HTML 10Page - Texas Instruments OPA861IDBVT Datasheet HTML 11Page - Texas Instruments OPA861IDBVT Datasheet HTML 12Page - Texas Instruments OPA861IDBVT Datasheet HTML 13Page - Texas Instruments OPA861IDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = +5V
100
10
Frequency (Hz)
1
10
100
1k
R
L = 50Ω
V
IN = 10mVPP
I
Q = 5.8mA
(93mA/V)
I
Q = 4.7mA (80mA/V)
I
Q = 3.1mA (60mA/V)
I
Q = 1.65mA (37mA/V)
I
OU T
V
IN
50
Ω
50
Ω
150
120
90
60
30
0
Quiescent Current (mA)
0
1
2
3
4
5
6
7
V
IN = 100mVPP
I
OUT
V
IN
50
Ω
50
Ω
120
100
80
60
40
20
0
Input Voltage (mV)
−30
−20
−10
0
10
20
30
Small−signal around input voltage.
I
Q = 5.8mA
I
Q = 4.7mA
I
Q = 3.1mA
I
Q = 1.65mA
6
4
2
0
−2
−4
−6
OTA Input Voltage (mV)
−50 −40 −30 −20 −10
0
10
20
30
40
50
I
Q = 5.8mA
I
Q = 1.65mA
I
Q = 3.1mA
I
Q = 4.7mA
IOUT
V IN
50Ω
50Ω
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
Time (10ns/div)
G = +5V/V
R
L = 500Ω
V
IN = 0.07VPP
f
IN = 20MHz
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Time (10ns/div)
G = +5V/V
R
L = 500Ω
V
IN = 0.7VPP
f
IN = 20MHz
OPA861
SBOS338 – AUGUST 2005
At T
A = +25°C, IQ = 4.7mA, and RL = 500Ω to VS/2, unless otherwise noted.
OTA TRANSCONDUCTANCE vs FREQUENCY
OTA TRANSCONDUCTANCE vs IQ
Figure 16.
Figure 17.
OTA TRANSCONDUCTANCE vs INPUT VOLTAGE
OTA TRANSFER CHARACTERISTICS
Figure 18.
Figure 19.
OTA SMALL-SIGNAL PULSE RESPONSE
OTA LARGE-SIGNAL PULSE RESPONSE
Figure 20.
Figure 21.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com