Electronic Components Datasheet Search
  English  ▼

X  

OPA861IDBVT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA861IDBVT Datasheet HTML 20Page - Texas Instruments OPA861IDBVT Datasheet HTML 21Page - Texas Instruments OPA861IDBVT Datasheet HTML 22Page - Texas Instruments OPA861IDBVT Datasheet HTML 23Page - Texas Instruments OPA861IDBVT Datasheet HTML 24Page - Texas Instruments OPA861IDBVT Datasheet HTML 25Page - Texas Instruments OPA861IDBVT Datasheet HTML 26Page - Texas Instruments OPA861IDBVT Datasheet HTML 27Page - Texas Instruments OPA861IDBVT Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
www.ti.com
INPUT AND ESD PROTECTION
External
Pin
+V
CC
−V
CC
Internal
Circuitry
OPA861
SBOS338 – AUGUST 2005
a) Minimize parasitic capacitance to any AC ground
nections, consider the trace and the input to the next
for all of the signal I/O pins. Parasitic capacitance on
device as a lumped capacitive load. Relatively wide
the inverting input pin can cause instability: on the
traces (50mils to 100mils) should be used, preferably
noninverting input, it can react with the source im-
with ground and power planes opened up around
pedance to cause unintentional bandlimiting. To re-
them.
duce unwanted capacitance, a window around the
e) Socketing a high-speed part like the OPA861 is
signal I/O pins should be opened in all of the ground
not recommended. The additional lead length and
and power planes around those pins. Otherwise,
pin-to-pin capacitance introduced by the socket can
ground and power planes should be unbroken else-
create an extremely troublesome parasitic network
where on the board.
that makes it almost impossible to achieve a smooth,
b) Minimize the distance (< 0.25") from the
stable frequency response. Best results are obtained
power-supply pins to high-frequency 0.1µF decoup-
by soldering the OPA861 onto the board.
ling capacitors. At the device pins, the ground and
power-plane layout should not be in close proximity to
the signal I/O pins. Avoid narrow power and ground
The OPA861 is built using a very high-speed comp-
traces to minimize inductance between the pins and
lementary bipolar process. The internal junction
the decoupling capacitors. The power-supply connec-
breakdown voltages are relatively low for these very
tions should always be decoupled with these capaci-
small geometry devices. These breakdowns are re-
tors. An optional supply decoupling capacitor (0.1µF)
flected in the Absolute Maximum Ratings table. All
across the two power supplies (for bipolar operation)
device pins are protected with internal ESD protection
will improve 2nd-harmonic distortion performance.
diodes to the power supplies as shown in Figure 49.
Larger (2.2µF to 6.8µF) decoupling capacitors, effec-
tive at lower frequency, should also be used on the
main supply pins. These may be placed somewhat
farther from the device and may be shared among
several devices in the same area of the PC board.
c) Careful selection and placement of external
components will preserve the high-frequency per-
formance of the OPA861. Resistors should be a
very low reactance type. Surface-mount resistors
work best and allow a tighter overall layout. Metal film
or carbon composition, axially-leaded resistors can
Figure 49. Internal ESD Protection
also
provide
good
high-frequency
performance.
Again, keep their leads and PC board traces as short
These diodes provide moderate protection to input
as possible. Never use wirewound type resistors in a
overdrive voltages above the supplies as well. The
high-frequency application.
protection diodes can typically support 30mA continu-
ous current. Where higher currents are possible (for
d) Connections to other wideband devices on the
example, in systems with
±15V supply parts driving
board may be made with short, direct traces or
into the OPA861), current-limiting series resistors
through onboard transmission lines. For short con-
should be added into the two inputs. Keep these
resistor values as low as possible since high values
degrade both noise performance and frequency re-
sponse.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com