Electronic Components Datasheet Search
  English  ▼

X  

OPA861IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA861IDBVT Datasheet HTML 12Page - Texas Instruments OPA861IDBVT Datasheet HTML 13Page - Texas Instruments OPA861IDBVT Datasheet HTML 14Page - Texas Instruments OPA861IDBVT Datasheet HTML 15Page - Texas Instruments OPA861IDBVT Datasheet HTML 16Page - Texas Instruments OPA861IDBVT Datasheet HTML 17Page - Texas Instruments OPA861IDBVT Datasheet HTML 18Page - Texas Instruments OPA861IDBVT Datasheet HTML 19Page - Texas Instruments OPA861IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
I
OUT +
R
1
R
2
I
IN
I
OUT
I
IN
R
1
R
2
I
OUT
+
1
C
R
I
INdt
I
OUT
I
IN
C
R
I
OUT + 1 S
n
j+1
I
j
I
OUT
I
2
I
n
I
1
I
OUT + 1 S
n
j+1
I
j
R
j
R
I
OUT
I
1
R
R
1
I
n
R
R
n
OPA861 APPLICATIONS
Control-Loop Amplifier
DC-Restore Circuit
OPA861
SBOS338 – AUGUST 2005
Table 1. Current-Mode Analog Computation Using the OTA Section
FUNCTIONAL ELEMENT
TRANSFER FUNCTION
IMPLEMENTATION WITH THE OTA SECTION
Current Amplifier
Current Integrator
Current Summer
Weighted Current Summer
A new type of control loop amplifier for fast and
The OPA861 can be used advantageously with an
precise control circuits can be designed with the
operational
amplifier,
here
the
OPA656,
as
a
OPA861. The circuit of Figure 34 illustrates a series
DC-restore circuit. Figure 35 illustrates this design.
connection of two voltage control current sources that
Depending
on
the
collector
current
of
the
have an integral (and at higher frequencies, a pro-
transconductance amplifier (OTA) of the OPA861, a
portional) behavior versus frequency. The control
switching function is realized with the diodes D1 and
loop amplifiers show an integrator behavior from DC
D2.
to the frequency represented by the RC time constant
When the C-output is sourcing current, the capacitor
of the network from the C-output to GND. Above this
C1 is being charged. When the C-output is sinking
frequency, they operate as an amp with constant
current, D1 is turned off and D2 is turned on, letting
gain. The series connection increases the overall gain
the voltage across C1 be discharged through R2.
to about 110dB and thus minimizes the control loop
deviation. The differential configuration at the inputs
The condition to charge C1 is set by the voltage
enables one to apply the measured output signal and
difference between VREF and VOUT. For the OTA
the reference voltage to two identical high-impedance
C-output to source current, VREF has to be greater
inputs. The output buffer decouples the C-output of
than VOUT. The rate of charge of C1 is set by both R1
the second OTA in order to insure the AC perform-
and C1. The discharge rate is given by R2 and C1.
ance and to drive subsequent output stages.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com