Electronic Components Datasheet Search
  English  ▼

X  

OPA861IDBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA861IDBVT Datasheet HTML 15Page - Texas Instruments OPA861IDBVT Datasheet HTML 16Page - Texas Instruments OPA861IDBVT Datasheet HTML 17Page - Texas Instruments OPA861IDBVT Datasheet HTML 18Page - Texas Instruments OPA861IDBVT Datasheet HTML 19Page - Texas Instruments OPA861IDBVT Datasheet HTML 20Page - Texas Instruments OPA861IDBVT Datasheet HTML 21Page - Texas Instruments OPA861IDBVT Datasheet HTML 22Page - Texas Instruments OPA861IDBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
www.ti.com
ACTIVE FILTERS USING THE OPA861 IN
R
V
OUT
C/2
R
+1
C
V
IN
R
I
OUT
C/2
R
CCII
−
C
E
B
C
I
IN
V
OUT
T(s) =
=
=
I
OUT
V
IN
I
IN
s
2 + 2/RC[2Q(1
− K) + 1]s + 4KQ2/R2C2
4KQ
2/R2C2
OPA861
SBOS338 – AUGUST 2005
output becomes the input, which is excitated by a
CURRENT CONVEYOR STRUCTURE
current source. The following equation describes the
interreciprocal features of the circuit: VOUT/VIN =
One further example of the versatility of the Diamond
IOUT/IIN. Resistances and capacitances remain un-
Transistor
and
Buffer
is
the
construction
of
changed. In the final step, the operational amplifier
high-frequency (> 10MHz) active filters. Here, the
with infinite input impedance and 0
Ω output im-
Current Conveyor structure, shown in Figure 40, is
pedance is transformed into a current amplifier with
used with the Diamond Transistor as a Current
0
Ω input impedance and infinite output impedance. A
Conveyor.
Diamond Transistor with the base at ground comes
quite
close
to
an
ideal
current
amplifier.
The
The method of converting RC circuit loops with
well-known Sallen-Key low-pass filter with positive
operational amplifiers in Current Conveyor structures
feedback, is an example of conversion into Cur-
is based upon the adjoint network concept. A network
rent-Conveyor structure, see Figure 43. The positive
is reversible or reciprocal when the transfer function
gain of the operational amplifier becomes a negative
does not change even when the input and output
second type of Current Conveyor (CCII), as shown in
have been exchanged. Most networks, of course, are
Figure 40. Both arrangements have identical transfer
nonreciprocal. The networks of Figure 41, perform
functions and the same level of sensitivity to devi-
interreciprocally when the input and output are
ations. The most recent implementation of active
exchanged,
while
the
original
network,
N,
is
filters in a Current-Conveyor structure produced a
exchanged for a new network NA. In this case, the
second-order Bi-Quad filter. The value of the resist-
transfer function remains the same, and NA is the
ance in the emitter of the Diamond Transistor controls
adjoing network. It is easy to construct an adjoint
the filter characteristic. For more information, refer to
network for any given circuit, and these networks are
application note SBOS047, New Ultra High-Speed
the base for circuits in Current-Conveyor structure.
Circuit Techniques with Analog ICs.
Individual elements can be interchanged according to
the list in Figure 42. Voltage sources at the input
become short circuits, and the current flowing there
becomes the output variable. In contrast, the voltage
Figure 40. Current Conveyor
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com