Electronic Components Datasheet Search
  English  ▼

X  

OPA861IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA861IDBVT Datasheet HTML 7Page - Texas Instruments OPA861IDBVT Datasheet HTML 8Page - Texas Instruments OPA861IDBVT Datasheet HTML 9Page - Texas Instruments OPA861IDBVT Datasheet HTML 10Page - Texas Instruments OPA861IDBVT Datasheet HTML 11Page - Texas Instruments OPA861IDBVT Datasheet HTML 12Page - Texas Instruments OPA861IDBVT Datasheet HTML 13Page - Texas Instruments OPA861IDBVT Datasheet HTML 14Page - Texas Instruments OPA861IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
120
110
100
90
80
70
60
50
40
Quiescent Current (mA)
0
1
2
3
4
5
6
7
500
490
480
470
460
450
440
430
420
Quiescent Current (mA)
0
1
2
3
4
5
6
7
60
50
40
30
20
10
0
Quiescent Current (mA)
0
1
2
3
4
5
6
7
7
6
5
4
3
2
1
0
Quiescent Current Adjust Resistor (
Ω)
0.1
1
10
100
1k
10k
100k
OPA861
SBOS338 – AUGUST 2005
TYPICAL CHARACTERISTICS: V
S = +5V (continued)
At T
A = +25°C, IQ = 4.7mA, and RL = 500Ω to VS/2, unless otherwise noted.
B-INPUT RESISTANCE vs QUIESCENT CURRENT
C-OUTPUT RESISTANCE vs QUIESCENT CURRENT
Figure 22.
Figure 23.
E-OUTPUT RESISTANCE vs QUIESCENT CURRENT
QUIESCENT CURRENT vs RADJ
Figure 24.
Figure 25.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com