Electronic Components Datasheet Search
  English  ▼

X  

OPA861IDBVT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA861IDBVT Datasheet HTML 19Page - Texas Instruments OPA861IDBVT Datasheet HTML 20Page - Texas Instruments OPA861IDBVT Datasheet HTML 21Page - Texas Instruments OPA861IDBVT Datasheet HTML 22Page - Texas Instruments OPA861IDBVT Datasheet HTML 23Page - Texas Instruments OPA861IDBVT Datasheet HTML 24Page - Texas Instruments OPA861IDBVT Datasheet HTML 25Page - Texas Instruments OPA861IDBVT Datasheet HTML 26Page - Texas Instruments OPA861IDBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
www.ti.com
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
e
O
+
e
2
n
) RSibn
2
) 4kTRS
R
L
R
G
)
1
gm
2
) RGibi
2
) 4kTRG
R
L
1
gm
THERMAL ANALYSIS
MACROMODELS AND APPLICATIONS
NOISE PERFORMANCE
BOARD LAYOUT GUIDELINES
e
n
i
bn
i
bi
R
S
R
G
√4kTR
S
√4kTR
S
R
L
V
O
OPA861
SBOS338 – AUGUST 2005
The total output spot noise voltage can be computed
as the square root of the sum of all squared output
noise voltage contributors. Equation 8 shows the
general form for the output noise voltage using the
terms shown in Figure 48.
A printed circuit board (PCB) is available to assist in
the initial evaluation of circuit performance using the
OPA861. This module is available free, as an
unpopulated PCB delivered with descriptive docu-
mentation. The summary information for the board is
(8)
shown below:
LITERATURE
BOARD PART
REQUEST
PRODUCT
PACKAGE
NUMBER
NUMBER
Maximum desired junction temperature will set the
OPA861ID
SO-8
DEM-OPA86xD
SBOU035
maximum allowed internal power dissipation as de-
scribed below. In no case should the maximum
The board can be requested on Texas Instruments
junction temperature be allowed to exceed 150
°C.
web site (www.ti.com).
Operating junction temperature (TJ) is given by
TA + PD × θJA. The total internal power dissipation
(PD) is the sum of quiescent power (PDQ) and
SUPPORT
additional power dissipated in the output stage (PDL)
Computer simulation of circuit performance using
to deliver output current. Quiescent power is simply
SPICE is often useful when analyzing the perform-
the specified no-load supply current times the total
ance of analog circuits and systems. This principle is
supply voltage across the part. PDL will depend on the
particularly true for Video and RF amplifier circuits
required output signal and load but would, for the
where parasitic capacitance and inductance can have
OPA861 be at a maximum when the maximum IO is
a major effect on circuit performance. A SPICE model
being driven into a voltage source that puts the
for the OPA861 is available through the Texas
maximum voltage across the output stage. Maximum
Instruments web page (www.ti.com). These models
IO is 15mA times a 9V maximum across the output.
do a good job of predicting small-signal AC and
Note that it is the power in the output stage and not
transient
performance
under
a
wide
variety
of
into the load that determines internal power dissi-
operating conditions. They do not do as well in
pation.
predicting the harmonic distortion. These models do
not attempt to distinguish between the package types
As a worst-case example, compute the maximum TJ
in their small-signal AC performance.
using an OPA861IDBV in the circuit of Figure 29b
operating at the maximum specified ambient tem-
perature of +85
°C and driving a –1V voltage refer-
ence.
The OTA noise model consists of three elements: a
voltage noise on the B-input; a current noise on the
PD = 10V × 5.4mA + (15mA × 9V) = 185mW
B-input; and a current noise on the E-input. Figure 48
Maximum TJ = +85°C + (0.19W × 150°C/W) = 114°C.
shows the OTA noise analysis model with all the
noise terms included. In this model, all noise terms
Although this is still well below the specified maxi-
are taken to be noise voltage or current density terms
mum junction temperature, system reliability con-
in either nV/
√Hz or pA/√Hz.
siderations may require lower tested junction tem-
peratures. The highest possible internal dissipation
will occur if the load requires current to be forced into
the output for positive output voltages or sourced
from the output for negative output voltages. This
puts a high current through a large internal voltage
drop in the output transistors.
Achieving
optimum
performance
with
a
high-frequency amplifier like the OPA861 requires
careful attention to board layout parasitics and exter-
Figure 48. OTA Noise Analysis Model
nal component types. Recommendations that will
optimize performance include:
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com