Electronic Components Datasheet Search
  English  ▼

X  

KSZ8893FQL Datasheet(PDF) 35 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 35 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 31Page - Microchip Technology KSZ8893FQL Datasheet HTML 32Page - Microchip Technology KSZ8893FQL Datasheet HTML 33Page - Microchip Technology KSZ8893FQL Datasheet HTML 34Page - Microchip Technology KSZ8893FQL Datasheet HTML 35Page - Microchip Technology KSZ8893FQL Datasheet HTML 36Page - Microchip Technology KSZ8893FQL Datasheet HTML 37Page - Microchip Technology KSZ8893FQL Datasheet HTML 38Page - Microchip Technology KSZ8893FQL Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
KSZ8893FQL
DS00003038A-page 34
 2019 Microchip Technology Inc.
3.4.2
SPECIAL TAGGING MODE
Special Tagging Mode is designed for spanning tree protocol IGMP snooping and is flexible for use in other applications.
Special Tagging, similar to 802.1Q Tagging, requires software to change network drivers to insert/modify/strip/interpret
the special tag. This mode is enabled by setting both register 11 bit [0] and register 48 bit [2] to ‘1’.
TABLE 3-16:
SPECIAL TAGGING MODE FORMAT
802.1Q Tag Format
Special Tag Format
TPID (tag protocol identifier, 0x8100) + TCI
STPID (special tag identifier, 0x810 + 4 bit for “port mask”) +
TCI
The STPID is only seen and used by the port 3 interface, which should be connected to a processor. Packets from the
processor to the switch’s port 3 should be tagged with the STPID and the port mask, defined as follows:
• “0001”, forward packet to port 1 only
• “0010”, forward packet to port 2 only
• “0011”, broadcast packet to port 1 and port 2
Packets with normal tags (“0000” port masks) will use KSZ8893FQL internal MAC table look-up to determine the for-
warding port(s). Also, if packets from the processor are not tagged, the KSZ8893FQL will treat them as normal packets
and use internal MAC table lookup to determine the forwarding port(s).
The KSZ8893FQL uses a non-zero “port mask” to bypass the internal MAC table lookup result, and override any port
setting, regardless of port states (disable, blocking, listening, and learning). Table 3-17 below shows the processor to
switch egress rules when dealing with STPID.
Listening State
Port Setting
Software Action
Only packets to and
from the processor
are forwarded.
Learning is disabled.
“transmit enable = 0,
receive enable = 0,
learning disable =1”
The processor should program the “Static MAC table” with the
entries that it needs to receive (for example, BPDU packets). The
“overriding” bit should be set so that the switch will forward those
specific packets to the processor. The processor may send packets
to the port(s) in this state. See Special Tagging Mode for details.
Address learning is disabled on the port in this state.
Learning State
Port Setting
Software Action
Only packets to and
from the processor
are forwarded.
Learning is enabled.
“transmit enable = 0,
receive enable = 0,
learning disable = 0”
The processor should program the “Static MAC table” with the
entries that it needs to receive (for example, BPDU packets). The
“overriding” bit should be set so that the switch will forward those
specific packets to the processor. The processor may send packets
to the port(s) in this state. See Special Tagging Mode for details.
Address learning is enabled on the port in this state.
Forwarding State
Port Setting
Software Action
Packets are for-
warded and
received normally.
Learning is enabled.
“transmit enable = 1,
receive enable = 1,
learning disable = 0”
The processor programs the “Static MAC table” with the entries that it
needs to receive (for example, BPDU packets). The “overriding” bit is
set so that the switch forwards those specific packets to the proces-
sor. The processor can send packets to the port(s) in this state. See
Special Tagging Mode for details. Address learning is enabled on the
port in this state.
TABLE 3-17:
STPID EGRESS RULES (PROCESSOR TO SWITCH PORT 3)
Ingress Tag Field
TX Port “Tag
Insertion”
TX Port “Tag
Removal”
Egress Action to Tag Field
(0x810 + port mask)
0
0
- Modify tag field to 0x8100
- Recalculate CRC
- No change to TCI if not null VID
- Replace VID with ingress (port 3) port VID if null VID
(0x810 + port mask)
0
1
- (STPID + TCI) will be removed
- Padding to 64 bytes if necessary
- Recalculate CRC
TABLE 3-15:
SPANNING TREE STATES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com