Electronic Components Datasheet Search
  English  ▼

X  

KSZ8893FQL Datasheet(PDF) 71 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 71 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 67Page - Microchip Technology KSZ8893FQL Datasheet HTML 68Page - Microchip Technology KSZ8893FQL Datasheet HTML 69Page - Microchip Technology KSZ8893FQL Datasheet HTML 70Page - Microchip Technology KSZ8893FQL Datasheet HTML 71Page - Microchip Technology KSZ8893FQL Datasheet HTML 72Page - Microchip Technology KSZ8893FQL Datasheet HTML 73Page - Microchip Technology KSZ8893FQL Datasheet HTML 74Page - Microchip Technology KSZ8893FQL Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
KSZ8893FQL
DS00003038B-page 70
 2019 Microchip Technology Inc.
2
Enhanced ML_EN
R/W
1 = Defined as follows:
In Terminal side MC mode, if a link down is detected
on the fiber or the Center side UTP, the Terminal side
will disable the TX on its UTP and turn off the LEDs to
its UTP.
In Center side MC mode, this bit has no meaning.
0 = Normal operation
ML_EN pin
value during
reset
1
P1 TX_DIS
R/W
1 = Disable (tri-state) transmit to Fiber PHY (port 1)
0 = Normal operation
0
0
PHY Reset
R/W
1 = Reset the PHY of both PHY ports to their default
states. This bit is self-cleared after a ‘1’ is written to it.
0 = Normal operation
Note: MC (maintenance) sub-layer registers are not
reset by this bit.
1
(Powered on
value in Center
side MC mode.
After reg. 0x40h
is programmed,
this bit will be
cleared.)
--------------------
0
(Default value
for non Center
side MC mode)
Register 68 (0x44): Loopback Setup 1
7
T7
R/W
Center and Terminal sides
0000_0000 = Clear valid transmit and valid receive
counters in registers 4Dh and 4Eh. Also for center
side, clear loopback counters in registers 46h, 47h
and 48h.
Center side only
0000_0001 = Send 1 MC loopback packet
0000_0010 = Send 2 MC loopback packets
:
0000_0111 = Send 7 MC loopback packets (default)
:
0110_0100 = Send 100 MC loopback packets
other values (0x65h to 0xFFh) : N/A
0
6
T6
R/W
0
5
T5
R/W
0
4
T4
R/W
0
3
T3
R/W
0
2
T2
R/W
1
1
T1
R/W
1
0
T0
R/W
1
TABLE 4-9:
TS-1000 MEDIA CONVERTER REGISTERS (CONTINUED)
Bit
Name
R/W
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com