Electronic Components Datasheet Search
  English  ▼

X  

KSZ8893FQL Datasheet(PDF) 68 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 68 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 64Page - Microchip Technology KSZ8893FQL Datasheet HTML 65Page - Microchip Technology KSZ8893FQL Datasheet HTML 66Page - Microchip Technology KSZ8893FQL Datasheet HTML 67Page - Microchip Technology KSZ8893FQL Datasheet HTML 68Page - Microchip Technology KSZ8893FQL Datasheet HTML 69Page - Microchip Technology KSZ8893FQL Datasheet HTML 70Page - Microchip Technology KSZ8893FQL Datasheet HTML 71Page - Microchip Technology KSZ8893FQL Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 109 page
background image
 2019 Microchip Technology Inc.
DS00003038B-page 67
KSZ8893FQL
5
Polrvs
RO
1 = Polarity is reversed
0 = Polarity is not reversed
0
Note: Only ports
1 and 2 are PHY
ports.
This bit is not
applicable to
port 3 (MII).
4
Transmit Flow
Control Enable
RO
1 = Transmit flow control feature is active
0 = Transmit flow control feature is inactive
0
3
Receive Flow
Control Enable
RO
1 = Receive flow control feature is active
0 = Receive flow control feature is inactive
0
2
Operation Speed
RO
1 = Link speed is 100 Mbps
0 = Link speed is 10 Mbps
0
1
Operation Duplex
RO
1 = Link duplex is full
0 = Link duplex is half
0
0
Far-End Fault
RO
1 = Far-end fault status detected
0 = No far-end fault status detected
0
Note: Only port
1 supports fiber.
This bit is appli-
cable to port 1
only.
TABLE 4-8:
PORT REGISTERS (REGISTERS 16 - 95) (CONTINUED)
Bit
Name
R/W
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com