Electronic Components Datasheet Search
  English  ▼

X  

KSZ8893FQL Datasheet(PDF) 4 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 4 Page - Microchip Technology

  KSZ8893FQL Datasheet HTML 1Page - Microchip Technology KSZ8893FQL Datasheet HTML 2Page - Microchip Technology KSZ8893FQL Datasheet HTML 3Page - Microchip Technology KSZ8893FQL Datasheet HTML 4Page - Microchip Technology KSZ8893FQL Datasheet HTML 5Page - Microchip Technology KSZ8893FQL Datasheet HTML 6Page - Microchip Technology KSZ8893FQL Datasheet HTML 7Page - Microchip Technology KSZ8893FQL Datasheet HTML 8Page - Microchip Technology KSZ8893FQL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
KSZ8893FQL
DS00003038B-page 4
 2019 Microchip Technology Inc.
1.0
INTRODUCTION
1.1
General Description
The KSZ8893FQL, a highly integrated single-chip 3-port Fast Ethernet switch is designed for applications with fiber sup-
port such as media converter. It provides two 10/100 transceivers with patented mixed-signal low-power technology,
three media access control (MAC) units, a high-speed non-blocking switch fabric, a Layer-2 managed switch and TS-
1000 OAM (Operations, Administration and Management) V2 in a compact solution. Backwards compatible to the TS-
1000 (2002) specification, TS-1000 V2 is an OAM sub-layer that provides communication between CO (central office)
and CPE (customer premises equipment).
In fiber mode, one PHY unit can be configurable to 100BASE-FX, 100BASE-SX, or 10BASE-FL fiber for conversion to
10BASE-T and 100BASE-TX copper. A fiber LED driver and post amplifier are also included for 10BASE-FL and
100BASE-SX applications.
In copper mode, both PHY units support 10BASE-T and 100BASE-TX with HP Auto MDI/MDI-X for reliable detection of
and correction for straight-through and crossover cables, and LINKMD® TDR-based cable diagnostics for identification
of faulty cabling.
The high-performance switching engine features an extensive feature set that includes programmable rate limiting, tag/
port-based VLAN, 4 priority class, RMII/MII/SNI, and CPU control/data interfaces to effectively address both current and
emerging Fast Ethernet applications.
The KSZ8893FQL comes in a lead-free package.
FIGURE 1-1:
SYSTEM BLOCK DIAGRAM
1K LOOK-UP
ENGINE
QUEUE
MANAGEMENT
BUFFER
MANAGEMENT
FRAME
BUFFERS
MIB
COUNTERS
EEPROM
INTERFACE
10/100
MAC 1
10/100
MAC 2
10/100
MAC 3
10/100
FL/FX/SX
PHY 1
10/100
T/TX
PHY 2
HP AUTO
MDIX
HP AUTO
MDIX
SNI
RMII/MII/
SNI
SPI
SPI
CONTROL
REGISTERS
MIIM
SMI
STRAP IN
CONFIGURATION
LED
DRIVERS
I2C
P1 LED[3:0]
P2 LED[3:0]
O
A
M
TO CONTROL
REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com