Electronic Components Datasheet Search
  English  ▼

X  

KSZ8893FQL Datasheet(PDF) 69 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 69 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 65Page - Microchip Technology KSZ8893FQL Datasheet HTML 66Page - Microchip Technology KSZ8893FQL Datasheet HTML 67Page - Microchip Technology KSZ8893FQL Datasheet HTML 68Page - Microchip Technology KSZ8893FQL Datasheet HTML 69Page - Microchip Technology KSZ8893FQL Datasheet HTML 70Page - Microchip Technology KSZ8893FQL Datasheet HTML 71Page - Microchip Technology KSZ8893FQL Datasheet HTML 72Page - Microchip Technology KSZ8893FQL Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
KSZ8893FQL
DS00003038B-page 68
 2019 Microchip Technology Inc.
TABLE 4-9:
TS-1000 MEDIA CONVERTER REGISTERS
Bit
Name
R/W
Description
Default
Register 64 (0x40): PHY Address
7-5
Number of Indica-
tion OAM frame(s)
R/W
Set the number of Indication OAM frame(s) to be
transmitted for a single OAM status change. This set-
ting is applicable to only the following three OAM
frames: Indicate Center MC Condition, Indicate Ter-
minal MC Condition, and Loop Mode Stop Indication.
000 : send 1 OAM frame
001 : send 2 OAM frames
010 : send 3 OAM frames
011 : send 4 OAM frames
100 : send 5 OAM frames
101 : N/A
110 : N/A
111 : N/A
000
4
Addr4
R/W
These 5-bits set the PHY addresses for port 1 and
port 2.
00000 : N/A
00001 : Port 1 PHY address is 0x1
00010 : Port 1 PHY address is 0x2
…
11101 : Port 1 PHY address is 0x29
11110 : N/A
11111 : N/A
Port 2 PHY address = (Port 1 PHY address) + 1
Note:
In Center side MC mode (pins MCHS,MCCS] = [0,1]),
a write to these bits with port 1’s PHY address is
required to enable port 1 and start the Center side
MC.
0
3
Addr3
R/W
0
2
Addr2
R/W
0
1
Addr1
R/W
0
0
Addr0
R/W
1
Register 65 (0x41): Center Side Status
7
BUSY
RO
1 = Indicate MC loop back mode in progress, or
receive reply frame/timeout is pending
0 = Exclude the above situations
0
6
Vendor mode
R/W
1 = Non special vendor mode
0 = Special vendor mode (compare My & LNK Partner
Vendor Info = 0x009099h)
0
5-3
Reserved
RO
Reserved
Do not change the default values.
000
2
Option b
R/W
1 = Clear status bits S6 to S10 to zero on Terminal
MC side
0 = Normal operation – supporting option b
0
1
Option a
R/W
1 = Disable “Indicate Center MC Condition” frame
0 = Enable “Indicate Center MC condition” frame
0
0
Request
RO
1 = indicate change of status/value in registers #
0x50h, 0x51h, 0x58h, 0x59h, 0x5Dh, 0x5Eh, 0x5Fh.
This bit is self-cleared after a read.
0 = exclude the above situations
0
Note: Register 65 is managed by the Center side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com