Electronic Components Datasheet Search
  English  ▼

X  

KSZ8893FQL Datasheet(PDF) 1 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 1 Page - Microchip Technology

  KSZ8893FQL Datasheet HTML 1Page - Microchip Technology KSZ8893FQL Datasheet HTML 2Page - Microchip Technology KSZ8893FQL Datasheet HTML 3Page - Microchip Technology KSZ8893FQL Datasheet HTML 4Page - Microchip Technology KSZ8893FQL Datasheet HTML 5Page - Microchip Technology KSZ8893FQL Datasheet HTML 6Page - Microchip Technology KSZ8893FQL Datasheet HTML 7Page - Microchip Technology KSZ8893FQL Datasheet HTML 8Page - Microchip Technology KSZ8893FQL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
 2019 Microchip Technology Inc.
DS00003038B-page 1
Features
• Integrated 3-Port 10/100 Ethernet Switch
- Three MACs and Two PHYs Fully Compliant
with IEEE 802.3u Standard
- Non-Blocking Switch Fabric Ensures Fast
Packet Delivery by Utilizing an 1K MAC
Address Lookup Table and a Store-and-Forward
Architecture
- Full-Duplex IEEE 802.3x Flow Control (PAUSE)
with Force Mode Option
- Half-Duplex Back Pressure Flow Control
- HP Auto MDI-X for Reliable Detection of and
Correction for Straight-Through and Crossover
Cables with Disable and Enable Option
- Microchip LINKMD® TDR-Based Cable Diag-
nostics Permit Identification of Faulty Copper
Cabling
- 100BASE-FX, 100BASE-SX, and 10BASE-FL
Fiber Support on Port 1
- MII Interface Supports Both MAC Mode and
PHY Mode
- RMII Interface Support with External 50 MHz
System Clock
- 7-Wire Serial Network Interface (SNI) Support
for Legacy MAC
- Comprehensive LED Indicator Support for Link,
Activity, Full-/Half-Duplex and 10/100 Speed
• Fiber Support
- Integrated LED Driver and Post Amplifier for
10BASE-FL and 100BASE-SX Optical Modules
• TTC TS-1000 OAM
- Supports OAM Sub-Layer which Conforms to
TS-1000 V2 Specification from Telecommunica-
tion Technology Committee (TTC)
- Sends and Receives OAM Frames to Center or
Terminal Side
- Loopback Mode to Support Loopback Packet
from Center Side to Terminal Side
- Far-End Fault Detection with Disable and
Enable
- Link Transparency to Indicate Link Down from
Link Partner
- Unique User Defined Register (UDR) Feature
Brings OAM to Low Cost/Complexity Nodes
• Comprehensive Configuration Register Access
- SMI, SPI, and I2C Management Interfaces to All
8-bit Internal Registers
- MII Management (MIIM) Interface to PHY Reg-
isters
- I/O Pins Strapping and EEPROM to Program
Selective Registers in Unmanaged Switch
Mode
- Control Registers Configurable on the Fly (Port-
Priority, 802.1p/d/q, AN…)
• QoS/CoS Packet Prioritization Support
- Per Port, 802.1p, and DiffServ-Based
- Re-Mapping of 802.1p Priority Field Per Port
Basis
- Four Priority Levels
• Advanced Switch Features
- IEEE 802.1q VLAN Support for Up to 16 Groups
(Full Range of VLAN IDs)
- VLAN ID Tag/Untag Options, Per Port Basis
- IEEE 802.1p/q Tag Insertion or Removal on a
Per Port Basis (Egress)
- Programmable Rate Limiting at the Ingress and
Egress on a Per Port Basis
- Broadcast Storm Protection with Percent Con-
trol (Global and Per Port Basis)
- IEEE 802.1d Spanning Tree Protocol Support
- Special Tagging Mode to Inform the Processor
which Ingress Port Receives the Packet
- IGMP Snooping (IPv4) and MLD Snooping
(IPv6) Support for Multicast Packet Filtering
- MAC Filtering Function to Forward Unknown
Unicast Packets to Specified Port
- Double-Tagging Support
• Low Latency Support
- Repeater Mode
• Switch Monitoring Features
- Port Mirroring/Monitoring/Sniffing: Ingress and/
or Egress Traffic to Any Port or MII
- MIB Counters for Fully Compliant Statistics
Gathering, 34 MIB Counters Per Port
- Loopback Modes for Remote Diagnostic of Fail-
ure
• Low Power Dissipation
- Full-Chip Hardware Power-Down (Register
Configuration Not Saved)
- Per Port Based Software Power-Save on PHY
(Idle Link Detection, Register Configuration Pre-
served)
- Voltages: Core 1.2V, I/O and Transceiver 3.3V
• Available in a 128-Pin PQFP, Lead-Free Package
Applications
• Media Conversion Modules
- 10BASE-FL to/from 10BASE-T
- 100BASE-SX to/from 100BASE-TX
- 100BASE-FX to/from 100BASE-TX
• FTTx Managed/Unmanaged Media Converters
• Fiber Broadband Gateways
KSZ8893FQL
Single-Chip 3-Port Switch with Fiber Support


Similar Part No. - KSZ8893FQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8893FQL MICREL-KSZ8893FQL Datasheet
829Kb / 117P
Single-Chip 3-Port Switch with Fiber Support
KSZ8893FQL-FX MICREL-KSZ8893FQL-FX Datasheet
829Kb / 117P
Single-Chip 3-Port Switch with Fiber Support
More results

Similar Description - KSZ8893FQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
Single-port Gigabit Transceiver with RGMII Support
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8893FQL MICREL-KSZ8893FQL Datasheet
829Kb / 117P
Single-Chip 3-Port Switch with Fiber Support
KSZ8862-16 MICREL-KSZ8862-16_10 Datasheet
822Kb / 125P
2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862-16 MICREL-KSZ8862-16 Datasheet
822Kb / 125P
2-Port Ethernet Switch with Non-PCI Interfaceand Fiber Support
logo
Microchip Technology
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
logo
IOGEAR
GHSW8181 IOGEAR-GHSW8181 Datasheet
145Kb / 2P
8-Port HD Switch with RS-232 Support
logo
Molex Electronics Ltd.
1300940530 MOLEX-1300940530 Datasheet
100Kb / 1P
FIBER OPTIC SUPPORT GRIP SINGLE WEAVE SINGLE EYE
2010/05/20
1300940534 MOLEX-1300940534 Datasheet
100Kb / 1P
FIBER OPTIC SUPPORT GRIP SINGLE WEAVE SINGLE EYE
2010/05/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com