Electronic Components Datasheet Search
  English  ▼

X  

KSZ8893FQL Datasheet(PDF) 8 Page - Microchip Technology

Part # KSZ8893FQL
Description  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL Datasheet(HTML) 8 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 4Page - Microchip Technology KSZ8893FQL Datasheet HTML 5Page - Microchip Technology KSZ8893FQL Datasheet HTML 6Page - Microchip Technology KSZ8893FQL Datasheet HTML 7Page - Microchip Technology KSZ8893FQL Datasheet HTML 8Page - Microchip Technology KSZ8893FQL Datasheet HTML 9Page - Microchip Technology KSZ8893FQL Datasheet HTML 10Page - Microchip Technology KSZ8893FQL Datasheet HTML 11Page - Microchip Technology KSZ8893FQL Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
KSZ8893FQL
DS00003038B-page 8
 2019 Microchip Technology Inc.
5
P2LED1
IPU/O
—
—
[LEDSEL1, LEDSEL0]
[1,0]
[1,1]
P2LED3
Activity
—
P2LED2
Link
—
P2LED1
Full-Duplex/Col
—
P2LED0
Speed
—
Link/Act, 100Link/Activity, 10Link/Activity:
Low (link), High (no link), Toggle (transmit/receive activity)
Full-Duplex/Col:
Low (full-duplex), High (half-duplex), Toggles (collision)
Speed:
Low (100BASE-TX), High (10BASE-T)
Full-Duplex:
Low (full-duplex), High (half-duplex)
Activity:
Toggles (transmit/receive activity)
Link:
Low (link), High (no link)
Repeater Mode (only)
6
P2LED0
IPU/O
—
[LEDSEL1, LEDSEL0]
[0,0]
P2LED3
RPT_COL
P2LED2
RPT_LINK3/RX
P2LED1
RPT_LINK2/RX
P2LED0
RPT_LINK1/RX
RPT_COL:
Low (collision)
RPT_LINK#/RX (# = port):
Low (link), High (no link), Toggles (receive activity)
Notes:
LEDSEL0 is external strap-in pin 70.
LEDSEL1 is external strap-in pin 23.
P2LED3 is pin 25.
During reset, P2LED[2:0] are inputs for internal testing.
7
DGND
GND
Digital ground.
8
VDDIO
P
3.3V digital VDD
TABLE 2-1:
SIGNALS (CONTINUED)
Pin
Number
Pin
Name
Type
Note
2-1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com