Electronic Components Datasheet Search
  English  ▼

X  

8143 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 4 Page - Maxwell Technologies

  8143 Datasheet HTML 1Page - Maxwell Technologies 8143 Datasheet HTML 2Page - Maxwell Technologies 8143 Datasheet HTML 3Page - Maxwell Technologies 8143 Datasheet HTML 4Page - Maxwell Technologies 8143 Datasheet HTML 5Page - Maxwell Technologies 8143 Datasheet HTML 6Page - Maxwell Technologies 8143 Datasheet HTML 7Page - Maxwell Technologies 8143 Datasheet HTML 8Page - Maxwell Technologies 8143 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
All data sheets are subject to change without notice
©2003 Maxwell Technologies.
All rights reserved.
12-Bit Serial Daisy-Chain D/A Converter
8143
07.23.03 REV 3
TIMING CHARACTERISTICS 3
Serial Input to Strobe Setup Times
(t
STB = 80 ns)
t
DS1
t
DS2
t
DS3
t
DS4
t
DH1
t
DH2
STB
1 used as the strobe
STB
2 used as the strobe
STB
3 used as the strobe
T
A = 25
°C
T
A = full temperature range
STB
4 used as the strobe
STB
1 used as the strobe
T
A = 25
°C
T
A = full temperature range
STB
2 used as the strobe
T
A = 25
°C
T
A = full temperature range
9, 10, 11
9, 10, 11
9
10, 11
9, 10, 11
9
10, 11
9
10, 11
50
20
10
20
20
40
50
50
60
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
ns
Serial Input to Strobe Hold Times
(t
STB = 80 ns)
t
DH3
t
DH4
STB
3 used as the strobe
STB
4 used as the strobe
9, 10, 11
9, 10, 11
80
80
--
--
--
--
ns
STB to SRO Propagation Delay 13
t
PD
T
A = 25
°C
T
A = full temperature range
9
10, 11
--
--
--
--
220
300
ns
SRI Data Pulsewidth
t
SRI
9, 10, 11
100
--
--
ns
STB
1 Pulsewidth (STB1 = 80 ns)
14
t
STB1
9, 10, 11
80
--
--
ns
STB
2 Pulsewidth (STB2 = 100 ns)
t
STB2
9, 10, 11
80
--
--
ns
STB
3 Pulsewidth (STB3 = 80 ns)
t
STB3
9, 10, 11
80
--
--
ns
STB
4 Pulsewidth (STB4 = 80 ns)
t
STB4
9, 10, 11
80
--
--
ns
Load Pulsewidth
t
LD1,
t
LD2
T
A = 25
°C
T
A = temperature range
9
10, 11
140
180
--
--
--
--
ns
LSB Strobe into Input Register to
Load DAC Register Time
t
ASB
9, 10, 11
0
--
--
ns
CLR Pulsewidth
t
CLR
9, 10, 11
80
--
--
ns
POWER SUPPLY CHARACTERISTICS
Supply Voltage
V
DD
1, 2, 3
4.75
5
5.25
V
Supply Current
I
DD
All digital inputs = 0V or V
DD
All digital inputs = V
IH or VIL
1, 2, 3
--
--
--
--
0.1
2
mA
Power Dissipation
P
D
Digital inputs = 0V or V
DD,
Digital inputs = V
IH or VIL,
1, 2, 3
--
--
--
--
0.5
10
mW
1. All grades are monotonic to 12 bits over temperature.
2. Using internal feedback resistor.
3. Guaranteed by design and not tested.
4. Applies to I
OUT; all digital inputs = VIL, VREF = 10V; specification also applied for IOUT2 when all digital inputs = VIH.
5. V
REF = 10V, all digital inputs = 0V.
TABLE 3. 8143 ELECTRICAL CHARACTERISTICS
( V
DD = 5V, VREF = 10V; VOUT1 = VOUT2 = VAGND = VDGND = 0V;
T
A = FULL TEMPERATURE RANGE SPECIFIED UNDER ABSOLUTE MAXIMUM RATINGS, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com