Electronic Components Datasheet Search
  English  ▼

X  

8143 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 1 Page - Maxwell Technologies

  8143 Datasheet HTML 1Page - Maxwell Technologies 8143 Datasheet HTML 2Page - Maxwell Technologies 8143 Datasheet HTML 3Page - Maxwell Technologies 8143 Datasheet HTML 4Page - Maxwell Technologies 8143 Datasheet HTML 5Page - Maxwell Technologies 8143 Datasheet HTML 6Page - Maxwell Technologies 8143 Datasheet HTML 7Page - Maxwell Technologies 8143 Datasheet HTML 8Page - Maxwell Technologies 8143 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300- Fax: (858) 503-3301- www.maxwell.com
12-Bit Serial Daisy Chain D/A
8143
©2003 Maxwell Technologies
All rights reserved.
Converter
07.23.03 REV 3
FEATURES:
• Microprocessor interfacing in serially controlled systems
• Buffered digital output pin for daisy-chaining multiple DACs
• Minimizes address-decoding in multiple DAC systems -
three wire interface for any number of DACs
- One data line
- One CLK line
- One load line
• Fast interface timing reduces timing design considerations
while minimizing microprocessor wait states.
• Improved resistance to ESD
•RAD-PAK® radiation-hardened against natural space
radiation
• Total dose hardness:
- > 50 Krad (Si), depending upon space mission
• Package:
- 16 pin RAD-PAK® flat pack
• Operating temperature: -40 to 85°C
DESCRIPTION:
Maxwell Technologies’ 8143 is a 12-bit serial-input daisy-chain
CMOS digital-to-analog converter (DAC) that features serial
data input and buffered serial data output and a greater than
50 krad (Si) total dose tolerance, dependent upon space mis-
sion. It was designed for multiple serial DAC systems, where
serially daisy-chaining one DAC after another is greatly simpli-
fied. The 8143 also minimizes address decoding lines
enabling simpler logic interfacing. It allows three-wire interface
for any number of DACs: one data line, one CLK line and one
load line. Serial data in the input register (MSB first) is
sequentially clocked out to the SRO pin as the new data word
(MSB first) is simultaneously clocked in from the SRI pin. The
strobe inputs are used to clock in/out data on the rising or fall-
ing (user selected) strobe edges (STB
1, STB2, STB3, STB4).
When the shift register’s data has been updated, the new data
word is transferred to the DAC register with use of LO1 and
LD2 inputs.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 50
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
Logic Diagram


Similar Part No. - 8143

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8143 BITECH-8143 Datasheet
217Kb / 4P
Precision Potentiometer / Position Sensor
logo
Keystone Electronics Co...
8143 KEYSTONE-8143 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Unisonic Technologies
8143-AB3-D-B UTC-8143-AB3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8143-AB3-D-K UTC-8143-AB3-D-K Datasheet
201Kb / 6P
POWER RESET IC
8143-AB3-D-R UTC-8143-AB3-D-R Datasheet
201Kb / 6P
POWER RESET IC
More results

Similar Description - 8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV.0
DAC8143 AD-DAC8143 Datasheet
181Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV.C
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
25X32MM Daisy-Chain PBGA
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Analog Devices
DAC8043AFSZ AD-DAC8043AFSZ Datasheet
680Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV. B
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8043A AD-DAC8043A_15 Datasheet
700Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV. B
DAC8143 AD-DAC8143_15 Datasheet
185Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com