Electronic Components Datasheet Search
  English  ▼

X  

8143 Datasheet(PDF) 14 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 14 Page - Maxwell Technologies

Back Button 8143 Datasheet HTML 10Page - Maxwell Technologies 8143 Datasheet HTML 11Page - Maxwell Technologies 8143 Datasheet HTML 12Page - Maxwell Technologies 8143 Datasheet HTML 13Page - Maxwell Technologies 8143 Datasheet HTML 14Page - Maxwell Technologies 8143 Datasheet HTML 15Page - Maxwell Technologies 8143 Datasheet HTML 16Page - Maxwell Technologies 8143 Datasheet HTML 17Page - Maxwell Technologies 8143 Datasheet HTML 18Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
All data sheets are subject to change without notice
©2003 Maxwell Technologies.
All rights reserved.
12-Bit Serial Daisy-Chain D/A Converter
8143
07.23.03 REV 3
The CLR input allows asynchronous resetting of the DAC register to 0000 0000 0000. This reset does not affect data
held in the input registers. While in unipolar mode, a CLEAR will result in the analog output going to 0V. In bipolar
mode, the output will go to -V
REF.
Interface Input Description
STB
1 (Pin 4), STB2 (Pin 8), STB4 (Pin 11) - Input register and buffered output strobe. Inputs active on falling edge.
Selected to load serial data into input register and buffered output stage. See Table 3 for details.
STB
3 (Pin 10) - Input register and buffered output strobe input. Active on falling edge. Selected to load serial data into
input register and buffered output stage. See Table 3 for details.
LD
1 (Pin 5), LD2 (Pin 9) - Load DAC register inputs. Active low. Selected together to load contents of input register into
DAC register.
CLR (Pin 13) - Clear input. Active low. Asynchronous. When LOW, 12-bit DAC register is forced to a zero code (0000
0000 0000) regardless of other interface inputs.
FIGURE 15.
TIMING DIAGRAM
* Strobe waveform is inverted if STB
3 is used to strobe serial data bits into input register.
** Data is strobed into and out of the input shift register MSB first.
TABLE 1. TRUTH TABLE
INPUT REGISTER/DIGITAL
OUTPUT
CONTROL INPUTS
DAC
REGISTER
CONTROL INPUT
OPERATION
NOTES
STB4
STB3
STB2
STB1
CLR
LD2
LD1
0
0
0
1
1
1
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
Serial data bit loaded from
SRI into input register and
digital output (SRO pin)
after 12 clocked bits
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com