Electronic Components Datasheet Search
  English  ▼

X  

8143 Datasheet(PDF) 15 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 15 Page - Maxwell Technologies

Back Button 8143 Datasheet HTML 11Page - Maxwell Technologies 8143 Datasheet HTML 12Page - Maxwell Technologies 8143 Datasheet HTML 13Page - Maxwell Technologies 8143 Datasheet HTML 14Page - Maxwell Technologies 8143 Datasheet HTML 15Page - Maxwell Technologies 8143 Datasheet HTML 16Page - Maxwell Technologies 8143 Datasheet HTML 17Page - Maxwell Technologies 8143 Datasheet HTML 18Page - Maxwell Technologies 8143 Datasheet HTML 19Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
All data sheets are subject to change without notice
©2003 Maxwell Technologies.
All rights reserved.
12-Bit Serial Daisy-Chain D/A Converter
8143
07.23.03 REV 3
Applications Information
Unipolar Operation (2-Quadrant)
The circuit shown in Figures 16 and 17 may be used with an ac or dc reference voltage. The circuit’s output will range
between 0V and 10V (4095/4096) depending upon the digital input and the analog output is shown in Table 4. The
V
REF voltage range is the maximum input voltage range of the op amp or ± 25V, whichever is lowest.
1
X
X
X
X
0
X
X
X
X
1
X
X
X
X
1
No operation (input register
and SRO)
2
0
X
X
Reset DAC register to zero
code (Code: 0000 0000
0000) Asynchronous opera-
tions)
2,3
1
1
1
X
X
1
No operation (DAC register
and SRO)
2
1
0
0
Load DAC register with the
contents of input register
2
1. Serial data is loaded into Input Register MSB first, on edges shown. is positive edges, is negative edge.
2. 0 = Logic LOW, 1 = Logic HIGH, X = Don’t care.
3. CLR = 0 asynchronously resets DAC register to 0000 0000 0000, but has no effect on Input Register.
TABLE 4. UNIPOLAR CODE TABLE1,2
1. Nominal full scale for the circuits of Figures 16 and 17 is given by
FS = -V
REF (4095/4096)
2. Nominal LSB magnitude for the circuit of Figure 16 and 17 is given by
LSB = V
REF(1/4096) or VREF(2
-N).
DIGITAL INPUT
MSBLSB
NOMINAL ANALOG OUTPUT (V
OUT AS SHOWN IN
FIGURES 16 AND 17)
1 1 1 1 1 1 1 1 1 1 1 1
-V
REF (4095/4096)
1 0 0 0 0 0 0 0 0 0 0 1
-V
REF (2049/4096)
1 0 0 0 0 0 0 0 0 0 0 0
-V
REF (2048/4096) = -VREF/2
0 1 1 1 1 1 1 1 1 1 1 1
-V
REF (2047/4096)
0 0 0 0 0 0 0 0 0 0 0 1
-V
REF (1/4096)
0 0 0 0 0 0 0 0 0 0 0 0
-V
REF (0/4096) = 0
TABLE 1. TRUTH TABLE
INPUT REGISTER/DIGITAL
OUTPUT
CONTROL INPUTS
DAC
REGISTER
CONTROL INPUT
OPERATION
NOTES
STB4
STB3
STB2
STB1
CLR
LD2
LD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com