Electronic Components Datasheet Search
  English  ▼

X  

8143 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 3 Page - Maxwell Technologies

  8143 Datasheet HTML 1Page - Maxwell Technologies 8143 Datasheet HTML 2Page - Maxwell Technologies 8143 Datasheet HTML 3Page - Maxwell Technologies 8143 Datasheet HTML 4Page - Maxwell Technologies 8143 Datasheet HTML 5Page - Maxwell Technologies 8143 Datasheet HTML 6Page - Maxwell Technologies 8143 Datasheet HTML 7Page - Maxwell Technologies 8143 Datasheet HTML 8Page - Maxwell Technologies 8143 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
All data sheets are subject to change without notice
©2003 Maxwell Technologies.
All rights reserved.
12-Bit Serial Daisy-Chain D/A Converter
8143
07.23.03 REV 3
TABLE 3. 8143 ELECTRICAL CHARACTERISTICS
( V
DD = 5V, VREF = 10V; VOUT1 = VOUT2 = VAGND = VDGND = 0V;
T
A = FULL TEMPERATURE RANGE SPECIFIED UNDER ABSOLUTE MAXIMUM RATINGS, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT
STATIC ACCURACY
Resolution
N
1, 2, 3
12
--
--
Bits
Nonlinearity
INL
1, 2, 3
--
--
±1
LSB
Differential Nonlinearity 1
DNL
1, 2, 3
--
--
±1
LSB
Gain Error 2
G
FSE
1, 2, 3
--
--
±2
LSB
Gain Tempco (DGain/DTemp) 3
TC
GFS
1, 2, 3
--
--
±5
ppm/°C
Power Supply Rejection Ratio
(DGain/DVDD)
PSRR DV
DD = ±5%
1, 2, 3
--
±0.0006 ±0.002
%/%
Output Leakage Current 4
I
LKG
T
A = 25
°C
T
A = Full Temperature Range
1
2, 3
--
--
--
--
±5
±25
nA
Zero Scale Error 5,6
I
ZSE
T
A = 25
°C
T
A = Full Temperature Range
1
2, 3
--
--
±0.002
±0.01
±0.03
±0.15
LSB
Input Resistance 7
R
IN
V
REF Pin
1, 2, 3
7
11
15
k
Ω
AC PERFORMANCE
Output Current Settling Time 3,8
t
S
1, 2, 3
--
0.380
1
µ s
AC Feed through Error
(V
REF to IOUT1)
3,9
FT
V
REF = 20V p-p @ f = 10 KHz,
T
A = 25
°C
1
--
--
2.0
mV p-p
Digital-to-Analog Glitch Energy 3,10
QV
REF = 0V, IOUT load = 100 Ω,
C
EXT = 13 pF
1, 2, 3
--
--
20
nVs
Total Harmonic Distortion 3
THD
V
REF = 6V rms @ 1 KHz
DAC register loaded with all 1s
1, 2, 3
--
--
--
--
--
-92
dB
Output Noise Voltage Density 3,11
e
n
10 Hz to 100 KHz between R
FB
and I
OUT
1, 2, 3
--
--
13
nV/
√Hz
DIGITAL INPUTS/OUTPUTS
Digital Input HIGH
V
IH
1, 2, 3
2.4
--
--
V
Digital Input LOW
V
IL
1, 2, 3
--
--
0.8
V
Input Leakage Current 12
I
IN
V
IN = 0V to 5V
1, 2, 3
--
--
±1
µ A
Input Capacitance
C
IN
V
IN = 0V
1, 2, 3
--
--
8
pF
Digital Output High
V
OH
I
OH = -200 µ A
1, 2, 3
4
--
--
V
Digital Output Low
V
OL
I
OL = 1.6 mA
1, 2, 3
--
--
0.4
V
ANALOG OUTPUTS
Output Capacitance 3
C
OUT1
C
OUT2
Digital Inputs = All 1s
Digital Inputs = All 0s
1, 2, 3
--
--
--
--
90
90
pF
Output Capacitance 3
C
OUT1
C
OUT2
Digital Inputs = All 0s
Digital Inputs = All 1s
1, 2, 3
--
--
--
--
60
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com