Electronic Components Datasheet Search
  English  ▼

X  

8143 Datasheet(PDF) 16 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 16 Page - Maxwell Technologies

Back Button 8143 Datasheet HTML 12Page - Maxwell Technologies 8143 Datasheet HTML 13Page - Maxwell Technologies 8143 Datasheet HTML 14Page - Maxwell Technologies 8143 Datasheet HTML 15Page - Maxwell Technologies 8143 Datasheet HTML 16Page - Maxwell Technologies 8143 Datasheet HTML 17Page - Maxwell Technologies 8143 Datasheet HTML 18Page - Maxwell Technologies 8143 Datasheet HTML 19Page - Maxwell Technologies 8143 Datasheet HTML 20Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
All data sheets are subject to change without notice
©2003 Maxwell Technologies.
All rights reserved.
12-Bit Serial Daisy-Chain D/A Converter
8143
07.23.03 REV 3
FIGURE 16. UNIPOLAR OPERATION WITH HIGH ACCURACY OP AMP (2-QUADRANT)
FIGURE 17. UNIPOLAR OPERATION WITH FAST OP AMP AND GAIN ERROR TRIMMING (2-QUADRANT)
In many applications, the 8143 zero scale error and low gain error, permit the elimination of external trimming compo-
nents without adverse effects on circuit performance.
For applications requiring a tighter gain error than 0.024% at 25°C for the top grade part, or 0.048% for the lower grade
part, the circuit in Figure 17 may be used. Gain error may be trimmed by adjusting R1.
The DAC register must first be loaded with all 1s. R1 is then adjusted until V
OUT = -VREF (4095/4096). In the case of an
adjustable V
REF, R1 and RFEEDBACK may be omitted, with VREF adjusted to yield the desired full-scale output.
Bipolar Operation (4-Quadrant)
Figure 18 details a suggested circuit for bipolar, or offset binary, operation. Table 5 shows the digital input-to-analog
output relationship. The circuit uses offset binary coding. Twos complement code can be converted to offset binary by
software inversion of the MSB or by the addition of an external inverter to the MSB input.
Resistor R3, R4 and R5 must be selected to match within 0.01% and must all be of the same (preferably metal foil)
type to assure temperature coefficient match. Mismatching between R3 and R4 causes offset and full-scale error.
Calibration is performed by loading the DAC register with 1000 0000 0000 and adjusting the ratio of R3 to R4 to yield
V
OUT = 0V. Full scale can be adjusted by loading the DAC register with 1111 1111 1111 and adjusting either the ampli-
tude of V
REF of the value of R5 until the desired VOUT is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com