Electronic Components Datasheet Search
  English  ▼

X  

8143 Datasheet(PDF) 19 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 19 Page - Maxwell Technologies

Back Button 8143 Datasheet HTML 15Page - Maxwell Technologies 8143 Datasheet HTML 16Page - Maxwell Technologies 8143 Datasheet HTML 17Page - Maxwell Technologies 8143 Datasheet HTML 18Page - Maxwell Technologies 8143 Datasheet HTML 19Page - Maxwell Technologies 8143 Datasheet HTML 20Page - Maxwell Technologies 8143 Datasheet HTML 21Page - Maxwell Technologies 8143 Datasheet HTML 22Page - Maxwell Technologies 8143 Datasheet HTML 23Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
All data sheets are subject to change without notice
©2003 Maxwell Technologies.
All rights reserved.
12-Bit Serial Daisy-Chain D/A Converter
8143
07.23.03 REV 3
FIGURE 20. ANALOG/DIGITAL DIVIDER
Application Tips
In most applications, linearity depends on the potential of I
OUT1, IOUT2, and AGND (Pins 1, 2 and 3) being exactly equal
to each other. In most applications, the DAC is connected to an external Op Amp with its noninverting input tied to
ground (see Figures 16 and 17). The amplifier selected should have a low input bias current and low drift over temper-
ature. The amplifier’s input offset voltage should be nulled to less than ±200 µ V (less than 10% of 1 LSB).
The operational amplifier’s noninverting input should have a minimum resistance connection to ground; the usual bias
current compensation resistor should not be used. This resistor can cause a variable offset voltage appearing as a
varying output error. All grounded pins should tie to a single common ground point, avoiding ground loops. The V
DD
power supply should have a low noise level with no transients greater than 17V.
It is recommended that the digital input be taken to ground or V
DD via a high value (1 MΩ) resistor, this will prevent the
accumulation of static charge if the PC card is disconnected from the system.
Peak supply current flows as the digital input pass through the transition region (see Figure 4). The supply current
decreases as the input voltage approaches the supply rails (V
DD or DGND), i.e., rapidly slewing logic signals that settle
very near the supply rails will minimize supply current.
Interfacing to the MC6800
As shown in Figure, the 8143 may be interfaced to the 6800 by successively executing memory WRITE instruction
while manipulating the data between WRITEs, so that each WRITE presents the next bit.
In this example, the most significant bits are found in memory locations 0000 and 0001. The four MSBs are found in
the lower half of 0000, the eight LSBs in 0001. The data is taken from the DB
7 line.
The serial data loading is triggered by STB
4 which is asserted by a decoded memory WRITE to a memory location, R/
W, and f2. A WRITE to another address location transfers data from input register to DAC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com