Electronic Components Datasheet Search
  English  ▼

X  

DP159 Datasheet(PDF) 11 Page - Texas Instruments

Part # DP159
Description  as DisplayPort Retimer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP159 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP159 Datasheet HTML 7Page - Texas Instruments DP159 Datasheet HTML 8Page - Texas Instruments DP159 Datasheet HTML 9Page - Texas Instruments DP159 Datasheet HTML 10Page - Texas Instruments DP159 Datasheet HTML 11Page - Texas Instruments DP159 Datasheet HTML 12Page - Texas Instruments DP159 Datasheet HTML 13Page - Texas Instruments DP159 Datasheet HTML 14Page - Texas Instruments DP159 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.ti.com
Initial Power-up Configuration
4.3.1
Determine PLL Locked
While the DP159 is receiving the TPS1 pattern, software must monitor the DP159’s PLL
LOCK_COMPLETE status. The PLL is considered locked when address 0x00 bit 6 in Page 1 is set. Note
that depending on the quality of signal being received, the DP159 may not acquire PLL lock until VOD
reaches level 1 or Level 2. Because of this, the lock_wait interval must be set to a value large enough to
allow the DP159 to acquire lock.
u16
lock_wait
= 256; //Approx 300us with 400KHz I2C.
ReadBuffer[0] = 0;
while (ReadBuffer[0] == 0 && lock_cnt < lock_wait) {
read_csr (0x00);
ReadBuffer[0] = ReadBuffer[0] & 0x40; // 0x80;
lock_cnt++;
}
4.3.2
Change PLL Mode
Once PLL lock has been achieved, software must immediately transition the PLL mode of operation from
PLL_MODE to PD_MODE. The actual PLL setting will be different based on the datarate. It is important to
note that A_LOCK_OVR (Page 1 address 0x00 bit 6) must be set to a 1’b1 before transitioning the PLL
mode. The following code shows what values based on datarate need to be programmed and the order to
program them. It is also important to enable the TX lanes in this stage so that DP sink can start
performing clock recovery.
struct DP159InitT
{
unsigned short regAddr;
//DP159’s register address
unsigned short regValue;
//Data written
};
rtxen = (link_lanecnt == 1) ? 0xE1 : (link_lanecnt == 2) ? 0xC3 : 0x0F;
struct DP159InitT RBR_CRDONE[] = {
{0x10, rtxen} , //Enable TX lanes
{0x00, 0x23} , //Enable PLL and Bandgap and A_LOCK_OVR
{0x02, 0x1F} , //CP_CURRENT for RBR.
{0x0B, 0x30} , //PLL Loop filter 1K.
{0x01, 0x02} , //CP_EN is PD mode
};
struct DP159InitT HBR_CRDONE[] = {
{0x10, rtxen} , //Enable TX lanes
{0x00, 0x23} , //Enable PLL and Bandgap and A_LOCK_OVR
{0x02, 0x27} , //CP_CURRENT for HBR
{0x0B, 0x30} , //PLL Loop filter 1K.
{0x01, 0x02} , //CP_EN is PD mode
};
struct DP159InitT HBR2_CRDONE[] = {
{0x10, rtxen} , //Enable TX lanes
{0x00, 0x23} , //Enable PLL and Bandgap and A_LOCK_OVR
{0x02, 0x5F} , //CP_CURRENT for HBR2.
{0x0B, 0x30} , //PLL Loop filter 1K.
{0x01, 0x02} , //CP_EN is PD mode
};
4.4
Link Training Channel Equalization Phase
After completing the clock recovery phase of link training, the source will transition to the channel
equalization phase. Once in the channel equalization phase, software should enable DP159 adaptive
equalizer.
write_csr (0x4C, 0x03);
// Enable Adaptive EQ
11
SLLA358 – December 2015
DP159 as DisplayPort Retimer
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com