Electronic Components Datasheet Search
  English  ▼

X  

LP173WF1 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # LP173WF1
Description  17.3??FHD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF1 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  LP173WF1 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Product Specification
5/ 26
LP173WF1
Liquid Crystal Display
Ver. 1.0
Jan.18.2010
2. Absolute Maximum Ratings
The following are maximum values which, if exceeded, may cause faulty operation or damage to the unit.
Table 1. ABSOLUTE MAXIMUM RATINGS
Storage
Operation
10
20
30
40
50
60
70
80
0
-20
Dry Bulb Temperature [ ]
10
%
20
%
40
%
60
%
90% 80%
0
10
20
30
40
50
60
Wet Bulb
Temperature [ ]
Parameter
Symbol
Values
Units
Notes
Min
Max
Power Input Voltage
VCC
-0.3
4.0
Vdc
at 25
5 C
Operating Temperature
TOP
0
50
C
1
Storage Temperature
HST
-20
60
C
1
Operating Ambient Humidity
HOP
10
90
%RH
1
Storage Humidity
HST
10
90
%RH
1
Note : 1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39 C Max, and no condensation of water.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com