Electronic Components Datasheet Search
  English  ▼

X  

LP173WF1 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LP173WF1
Description  17.3??FHD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF1 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LP173WF1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Product Specification
11/ 26
LP173WF1
Liquid Crystal Display
Ver. 1.0
Jan.18.2010
3-4. Signal Timing Specifications
Table 5. TIMING TABLE ( The Standard of 60Hz Refresh Rate)
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications and specifications of LVDS Tx/Rx for its proper operation.
Note 2) This model don’t guarantee the image quality about flicker level and gate block/line dim
at power saving mode with 50Hz or 40 Hz Refresh rate.
ITEM
Symbol
Min
Typ
Max
Unit
Note
DCLK
Frequency
fCLK
71.2
74.9
78.6
MHz
2port
Hsync
Period
tHP
1086
1138
1190
f
CLK
2port
Blanking Total
tHFP + tWH + tHBP
126
178
230
Width-Active
tWHA
960
960
960
Vsync
Period
tVP
1093
1097
1101
t
HP
Blanking Total
tVFP + tWV + tVBP
13
17
21
Width-Active
tWVA
1080
1080
1080
Note1) Tentative Timing Table for 50Hz Refresh Rate
ITEM
Symbol
Min
Typ
Max
Unit
Note
DCLK
Frequency
fCLK
59.3
62.4
65.5
MHz
2port
Hsync
Period
tHP
1086
1138
1190
f
CLK
2port
Blanking Total
tHFP + tWH + tHBP
126
178
230
Width-Active
tWHA
960
960
960
Vsync
Period
tVP
1093
1097
1101
t
HP
Blanking Total
tVFP + tWV + tVBP
13
17
21
Width-Active
tWVA
1080
1080
1080
Note 2) Tentative Timing Table for 40Hz Refresh Rate (Note 1)
ITEM
Symbol
Min
Typ
Max
Unit
Note
DCLK
Frequency
fCLK
47.5
49.9
52.4
MHz
2port
Hsync
Period
tHP
1086
1138
1190
f
CLK
2port
Blanking Total
tHFP + tWH + tHBP
126
178
230
Width-Active
tWHA
960
960
960
Vsync
Period
tVP
1093
1097
1101
t
HP
Blanking Total
tVFP + tWV + tVBP
13
17
21
Width-Active
tWVA
1080
1080
1080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com