Electronic Components Datasheet Search
  English  ▼

X  

LP173WF1 Datasheet(PDF) 14 Page - LG Semicon Co.,Ltd.

Part # LP173WF1
Description  17.3??FHD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF1 Datasheet(HTML) 14 Page - LG Semicon Co.,Ltd.

Back Button LP173WF1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Product Specification
14/ 26
LP173WF1
Liquid Crystal Display
Ver. 1.0
Jan.18.2010
Note)
1. Do not insert the mating cable when system turn on.
2. Valid Data have to meet “3-3. LVDS Signal Timing Specifications”
3. LVDS, LED_EN and PWM need to pull-down condition on invalid status.
4. LGD recommend the rising sequence of VLED after the Vcc and valid status of LVDS turn on.
Table 6. POWER SEQUENCE TABLE
LED
Parameter
Value
Units
Min.
Typ.
Max.
T8
10
-
-
ms
T9
0
-
-
ms
T10
0
-
-
ms
T11
10
-
-
ms
T12
0.5
-
-
ms
T13
0
-
5000
ms
Logic
Parameter
Value
Units
Min.
Typ.
Max.
T1
0.5
-
10
ms
T2
0
-
50
ms
T3
0
-
50
ms
T4
400
-
-
ms
T5
200
-
-
ms
T6
200
-
-
ms
T7
3
-
10
ms
3-7. Power Sequence
T
7
Interface Signal, V
i
LVDS
Power Supply Input
VCC
90%
10%
10%
0V
90%
T
1
T
2
T
3
T
4
T
5
T
6
0V
Dimming control signal
Of LED BL
PWM
0V (Low)
T
8
LED input Voltage
VLED
T
10
LED on/off control Signal
LED_EN
T
11
T
9
Valid Data
0V
Valid Data
0V (Off)
90%
10%
T
12
90%
3.0V
3.0V
10%
T
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com