Electronic Components Datasheet Search
  English  ▼

X  

LP173WF1 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LP173WF1
Description  17.3??FHD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF1 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LP173WF1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Product Specification
7/ 26
LP173WF1
Liquid Crystal Display
Ver. 1.0
Jan.18.2010
Note)
1. The measuring position is the connector of LCM and the test condition is under 25 , fv = 60Hz,
Black pattern.
2. The specified Icc current and power consumption are under
the Vcc = 3.3V , 25 , fv = 60Hz condition whereas Mosaic pattern
is displayed and fv is the frame frequency.
3. The below figures aire the measuring Vcc condition and the Vcc control block LGD used.
The Vcc condition is same the minimum of T1 at Power on sequence.
4. This impedance value is needed to proper display and measured form LVDS Tx to the mating connector.
5. The measuring position is the connector of LCM and the test conditions are under 25 .
6. The current and power consumption with LED Driver are under the Vled = 12.0V , 25 , Dimming of
Max luminance whereas White pattern is displayed and fv is the frame frequency.
7. The below figures aire the measuring Vled condition
and the Vled control block LGD used.
VLED control block is same with Vcc control block.
8. The operation of LED Driver below minimum dimming ratio may cause flickering or reliability issue.
9. If Jitter of PWM is bigger than maximum. It may cause flickering.
10. This Spec. is not effective at 100% dimming ratio as an exception because it has DC level equivalent
to 0Hz. In spite of acceptable range as defined, the PWM Frequency should be fixed and stable for
more consistent brightness control at any specific level desired.
11. The life time is determined as the time at which the typical brightness of LCD is 50% compare to that of
initial value at the typical LED current. These LED backlight has 6 strings on it and the typical current
of LED’s string is base on 22mA.
10%
90%
0.5ms
3.3V
0V
10%
90%
0.5ms
12.0V
0V
Rising time
Vcc
Rising time
VLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com