Electronic Components Datasheet Search
  English  ▼

X  

LP173WF1 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LP173WF1
Description  17.3??FHD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF1 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LP173WF1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Product Specification
16/ 26
LP173WF1
Liquid Crystal Display
Ver. 1.0
Jan.18.2010
Gray Level
Luminance [%] (Typ)
L0
0.11
L7
1.20
L15
5.23
L23
11.8
L31
20.6
L39
34.6
L47
53.3
L55
75.8
L63
100
Note)
1. Contrast Ratio(CR) is defined mathematically as
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
2. Surface luminance is the average of 5 point across the LCD surface 50cm from the surface with
all pixels displaying white. For more information see FIG 1.
LWH = Average(L1,L2, … L5)
3. The variation in surface luminance , The panel total variation ( WHITE) is determined by measuring LN
at each test position 1 through 13 and then defined as followed numerical formula.
For more information see FIG 2.
Maximum(L1,L2, … L13) - Minimum(L1,L2, … L13)
WHITE( =
* 100(%)
Maximum(L1,L2, … L13)
4. Response time is the time required for the display to transition from white to black (rise time, TrR) and
from black to white(Decay Time, TrD). For additional information see FIG 3.
5. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are determined
for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the
LCD surface. For more information see FIG 4.
6. Gray scale specification
* fV = 60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com