Electronic Components Datasheet Search
  English  ▼

X  

LP173WF1 Datasheet(PDF) 18 Page - LG Semicon Co.,Ltd.

Part # LP173WF1
Description  17.3??FHD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF1 Datasheet(HTML) 18 Page - LG Semicon Co.,Ltd.

Back Button LP173WF1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Product Specification
18/ 26
LP173WF1
Liquid Crystal Display
Ver. 1.0
Jan.18.2010
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP173WF1.
In addition the figures in the next page are detailed mechanical drawing of the LCD.
Outline Dimension
Horizontal
398.1 0.50mm
Vertical
232.8 0.50mm
Depth
6.0mm(Max.)
Bezel Area
Horizontal
1.5mm Min.( Lager than Active Display Area )
Vertical
1.5mm Min.( Lager than Active Display Area )
Active Display Area
Horizontal
381.888mm
Vertical
214.812 mm
Weight
580g (Max.)
Surface Treatment
3H Glare treatment of the front Polarizer (Haze 0%)
Mother Glass Thickness
Upper Glass (C/F Glass)
0.50 + 0.05 / -0.03 mm
Lower Glass (TFT Glass)
0.50 + 0.05 / -0.03 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com