Electronic Components Datasheet Search
  English  ▼

X  

LP173WF1 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP173WF1
Description  17.3??FHD TFT LCD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF1 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP173WF1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WF1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Product Specification
8/ 26
LP173WF1
Liquid Crystal Display
Ver. 1.0
Jan.18.2010
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
This LCD employs two interface connections, a 40 pin connector is used for the module electronics interface
and the other connector is used for the integral backlight system.
The electronics interface connector is a model 20455-040E manufactured by UJU & LSMtron
Pin
Symbol
Description
Notes
1
DIAG_LOOP
Buyer’s Test loop to 34pin
[Interface Chip]
1. LCD :
SW, SW0617(LCD Controller)
Including LVDS Receiver.
2. System : SiWLVDSRx or equivalent
* Pin to Pin compatible with LVDS
[Connector]
UJU IS050-L40B-C10
LSMtron GT05Q-40S-H10
or equivalent
[Mating Connector]
20345-#40E-## series
or equivalent
[Connector pin arrangement]
2
VDD
Power Supply (3.3V typ.)
3
VDD
Power Supply (3.3V typ.)
4
V EEDID
DDC 3.3V power
5
BIST
Panel Self Test
6
CLK EEDID
DDC clock / SMBus clock
7
DATA EEDLD
DDC data / SMBus data
8
Odd_Rin0-
- LVDS differential data input (R0-R5,G0)
9
Odd_Rin0+
+ LVDS differential data input (R0-R5,G0)
10
GND
Ground
11
Odd_Rin1-
- LVDS differential data input (G1-G5,B0-B1)
12
Odd_Rin1+
+ LVDS differential data input (G1-G5,B0-B1)
13
GND
Ground
14
Odd_Rin2-
- LVDS differential data input (B2-B5,HS,VS,DE)
15
Odd_Rin2+
+ LVDS differential data input (B2-B5,HS,VS,DE)
16
GND
Ground
17
Odd_ClkIN-
- LVDS differential clock input
18
Odd_ClkIN+
+ LVDS differential clock input
19
GND
No Connection
20
Even Rin0-
- LVDS differential data input (R0-R5,G0)
21
Even Rin0+
+ LVDS differential data input (R0-R5,G0)
22
GND
Ground
23
Even Rin1-
- LVDS differential data input (G1-G5,B0-B1)
24
Even Rin1+
+ LVDS differential data input (G1-G5,B0-B1)
25
GND
Ground
26
Even Rin2-
- LVDS differential data input (B2-B5,HS,VS,DE)
27
Even Rin2+
+ LVDS differential data input (B2-B5,HS,VS,DE)
28
GND
Ground
29
Even ClkIN-
- LVDS differential clock input
30
Even ClkIN+
+ LVDS differential clock input
31
GND
LED power return
32
GND
LED power return
33
GND
LED power return
34
DIAG_LOOP
Buyer’s Test loop to 1pin
35
PWM
PWM for luminance control
36
LED_EN
BL On/Off
37
NC
No Connection.
38
VLED
7V-21V LED power
39
VLED
7V-21V LED power
40
VLED
7V-21V LED power
1
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com