Electronic Components Datasheet Search
  English  ▼

X  

A2CNN Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button A2CNN Datasheet HTML 6Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 7Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 8Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 9Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 10Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 11Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 12Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 13Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Table 1: Description of the CWRU dataset
Category labels
1
2
3
4
5
6
7
8
9
10
Fault location
None
IF
BF
OF
Load
Fault diameter (in.)
0
0.007
0.014
0.021
0.007
0.014
0.021
0.007
0.014
0.021
Domain A
800
800
800
800
800
800
800
800
800
800
1
Domain B
800
800
800
800
800
800
800
800
800
800
2
Domain C
800
800
800
800
800
800
800
800
800
800
3
#Features
2048
2048
2048
2048
2048
2048
2048
2048
2048
2048
To construct domain adaptation problems, we randomly choose two from the three domains,
where one is considered as the source domain and the other is considered as the target domain.
Therefore, we construct six (P2
3) domain adaptation problems. Take the domain adaption task
A → B
as an example. The examples of domain A are used as the source domain data DS , and
the examples of domain B are used as the target domain data DT .
4.2. Experimental setup
4.2.1. Baseline Methods
We compare our methods with the following baselines,
1. Traditional SVM and Multi-layer Perceptron (MLP) which work with the data transformed
by Fast Fourier transformation (FFT).
2. The deep neural network (DNN) system with frequency features [10] proposed by Lei et
al. in 2016. This neural network consists of three hidden layers. The number of neurons
in each layer is 1025, 500, 200, 100 and 10. The input of the network is the normalized
1025 Fourier coe
fficients transformed from the raw temporal signals using FFT.
3. The Deep Convolution Neural Networks with Wide first-layer kernels (WDCNN) system
[26] proposed by Zhang et al. in 2017. The WDCNN system works directly on raw
temporal signals. It contains five convolutional layers and batch normalization layers.
The domain adaptation capacity of this model originates in the domain adaptation method
named Adaptive Batch Normalization (AdaBN).
4.2.2. Parameters of the proposed A2CNN
The feature extractor MS and MT used in experiments is composed of five convolutional
layers and pooling layers followed by two fully-connected hidden layers. The pooling type
is max pooling and the activation function is ReLU. The parameters of the convolutional and
pooling layers are detailed in Table 2. In order to minimize the loss function, the Adam Stochastic
optimization algorithm is applied to train our CNN model. The final l (l ∈ [1, 7]) layers of the
target feature extractor MT is untied and used as adaptive layers. The domain discriminator D
consists of three fully-connected layers. The number of neurons in each layer is 500, 500 and 1.
The experiments were implemented using Tensorflow toolbox of Google.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com