Electronic Components Datasheet Search
  English  ▼

X  

A2CNN Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button A2CNN Datasheet HTML 10Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 11Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 12Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 13Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 14Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 15Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 16Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 17Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
the precision and recall of A2CNNS are also very similar to A2CNN7. This can be interpreted
as that there is little di
fference in the distribution between domain A and domain B.
Then, for the domain adaptation from A to C and from C to B, we only need to untie the
last two fully-connected hidden layers (i.e. A2CNN2) to achieve the same highest accuracy
as A2CNN7. However, the distribution di
fferences between domains are not symmetrical. By
contrast, for the domain adaptation from C to A and from B to C, we have to respectively untie
the last six (i.e. A2CNN6) and four (i.e. A2CNN4) layers to achieve the almost best results.
85.00%
87.00%
89.00%
91.00%
93.00%
95.00%
97.00%
99.00%
A2CNNs
A2CNN1
A2CNN2
A2CNN3
A2CNN4
A2CNN5
A2CNN6
A2CNN7
A->B
A->C
B->A
B->C
C->A
C->B
Figure 3: The Parameter influence of the number of untied layers l on A2CNN.
4.6. Networks visualizations
Generally, deep learning is an empirical success rather than a mathematical solution to the
learning problem. In order to explain why the proposed A2CNN model can achieve such a great
performance in bearing fault diagnosis under varying working conditions vividly, the features
extracted by the MS and MT are visualized in this subsection.
t-Distributed Stochastic Neighbor Embedding
(t-SNE) is a technique for dimensionality re-
duction that is wildly used for the visualization of deep neural networks. The goal of t-SNE is to
take a set of points in a high-dimensional space and find a faithful representation of those points
in a lower-dimensional space, typically the 2D plane. In this paper, t-SNE is used to visualize the
features extracted by A2CNN. For more details about t-SNE one can refer to Ref.[43].
Take the domain adaption task B → C as an example, t-SNE is used to visualize the high-
dimensional features extracted by the source feature extractor MS and the target feature extractor
MT . The result is shown in Figure4. In all subgraphs of Figure 4, features of the source sample
{xi
S
}|
NS
i
=1 are extracted by MS , i.e., MS (x
i
S )
|
NS
i
=1. For the target sample, features extracted by MS
(i.e., MS (x
i
T )
|
NT
i
=1) are shown in (a) and features extracted by the fine-tuning MT after 1000 and
2000 iterations are shown in (b) and (c). For convenience, these features are denoted by MS (xS ),
MS (xT ) and M
it
T (xT ), where the number of iterations it is selected from
{1000, 2000}.
There are some interesting observations as follows.
1. MS (xS ), MS (xT ) and M
it
T (xT ) are classifiable when they are diagnosed separately.
This
illustrates that 1-D CNN used for MS and MT has a very strong ability to distinguish
various rolling bearing faults and explains the reason why A2CNNS can even achieve such
a good classification accuracy.
2. In Figure4(a), the distribution of fault ’0.007
/IF’ is completely different between domains.
This explains why A2CNNS has the very low recall of 1.13% when adapting from domain
B to C.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com