Electronic Components Datasheet Search
  English  ▼

X  

A2CNN Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button A2CNN Datasheet HTML 7Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 8Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 9Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 10Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 11Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 12Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 13Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 14Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
A->B
A->C
B->A
B->C
C->A
C->B
AVG
SVM
68.60%
60.00%
73.20%
67.60%
68.40%
62.00%
66.63%
MLP
82.10%
85.60%
71.50%
82.40%
81.80%
79.00%
80.40%
DNN
82.20%
82.60%
72.30%
77.00%
76.90%
77.30%
78.05%
WDCNN
99.20%
91.00%
95.10%
91.50%
78.10%
85.10%
90.00%
WDCNN(AdaBN)
99.40%
93.40%
97.50%
97.20%
88.30%
99.90%
95.95%
A2CNNs
99.86%
98.40%
97.89%
89.46%
89.65%
99.14%
95.73%
A2CNN
99.99%
99.30%
98.18%
99.90%
97.93%
99.99%
99.21%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
Figure 2: Accuracy (%) on six domain adaptation problems.
Table 2: Details of the feature extractor MS and MT used in experiments.
No.
Layer type
Kernel
stride
Channel
Output
Padding
1
Convolution1
32 × 1
2 × 1
8
1009 × 8
Yes
2
Pooling1
2 × 1
2 × 1
8
504 × 8
No
3
Convolution2
16 × 1
2 × 1
16
245 × 16
Yes
4
Pooling2
2 × 1
2 × 1
16
122 × 16
No
5
Convolution3
8 × 1
2 × 1
32
58 × 32
Yes
6
Pooling3
2 × 1
2 × 1
32
29 × 32
No
7
Convolution4
8 × 1
2 × 1
32
11 × 32
Yes
8
Pooling4
2 × 1
2 × 1
32
5 × 32
No
9
Convolution5
3 × 1
2 × 1
64
2 × 64
Yes
10
Pooling5
2 × 1
2 × 1
64
1 × 64
No
11
Fully-connected
500
1
500
12
Fully-connected
10
1
10
By contrast, for an instance from the target domain xi
T , in order to investigate the effectiveness
of adversarial adaptation, we use the corresponding output of the well-trained source feature
extractor MS (x
i
T ) to computer the probability of the instance x
i
T belonging to a label j
∈ {1, ..., K}
using Eq. 2, which is denoted as A2CNNS .
4.3. Accuracy across di
fferent domains
As Figure 2 shows, SVM, MLP and DNN perform poorly in domain adaptation, with average
accuracy in the six scenarios being around 65%, 80% and 80%. Which prove that samples under
di
fferent working conditions draw from the different distributions and models trained under one
working condition is not suitable for fault classification under another working load condition.
Compared with the WDCNN with AdaBN, which achieved the state-of-art domain adaptation
ability, A2CNN which achieves 99.21% accuracy in average is obviously greater than WDCNN
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com