| Electronic Components Datasheet Search |
|
A2CNN Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A2CNN Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 19 page ![]() Pool1 �������������������� Conv3 Conv2 Pool2 Pool3 Conv4 Pool4 Conv5 Pool5 1 2 3 4 5 6 7 8 9 0 Source Domain Examples + Labels NO �������� �������� �������� �������� �������� �������� NO ������������ ������������ Target Domain Examples Pool1 �������������������� Conv3 Conv2 Pool2 Pool3 Conv4 Pool4 Conv5 Pool5 1 2 3 4 5 6 7 8 9 0 ����, ����- (Soft-max Regression Model) Source Feature Extractor Target Feature Extractor ����, ����/0 , 0|056 78 ����- ����-0 , 1|056 7: ����, ����/0 , ����,0|056 78 Domain Discriminator ���� Tied Layers Adaptation Layers Label Classifier ���� Figure 1: The proposed Adversarial Adaptive 1-D CNN (A2CNN) includes a source feature extractor MS , a target feature extractor MT , a label classifier C and a domain discriminator. Solid lines indicate tied layers, and Dashed lines indicate adaptive layers. Source feature extractor MS . As shown in Figure 1, we compose the source feature extractor MS from five 1-D convolutional layers and two fully-connected layers. The input of the first convolution layer (i.e. ’Conv1’) is the fast Fourier transform (FFT) spectrum amplitudes of vibration signals, which is the most widely used approach of bearing defect detection. The last fully-connected layer (i.e. ’FC2’) is called label layer [37] with an output of K neurons (equals to the number of class label), which is fed to label classifier C which estimate the posterior probability of each class. It is common to add a pooling layer after each convolution layer in the CNN architecture separately. It functions as a down-sampling operation which results in a reduced-resolution output feature map, which is robust to small variations in the location of features in the previous layer. The most commonly used pooling layer is max-pooling layer, which performs the local max operation over the input features. The main di fference between the traditional 2-D and the 1-D CNN is the usage of 1-D arrays instead of 2-D matrices for both feature maps and filter kernels. In order to capture the useful information in the intermediate and low frequency bands, the wide kernels should be used in the first convolutional layer which can better suppress high frequency noise[26]. The following convolutional kernels are small (specifically, 3 × 1) which make the networks deeper to acquire good representations of the input signals and improve the performance of the network. Label classifier C. For an source domain instance xi S , the output feature vector MS (x i S ) ∈ RK×1 mapped by the source feature extractor MS is the input of the label classifier C. Here, the soft- max regression model [38] is used as the label classifier on source domain to incorporate label information. The soft-max regression model is a generalization of the logistic regression model for multi-class classification problems. We can estimate the probabilities of each class that xi S 6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |