| Electronic Components Datasheet Search |
|
A2CNN Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A2CNN Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 19 page ![]() this is the first attempt for solving the domain adaptation issues in fault diagnosis by introducing adversarial network. A2CNN contains four parts, a source feature extractor, a target feature extractor, a label clas- sifier and a domain discriminator. In order to get the strong fault-discriminative and domain- invariant capacity, we adopt the training process similar to Generating Adversarial Network (GAN). First, in order to get fault-discriminative features, the source feature extractor is pre- trained with labeled source training examples to minimize the label classifier error. Then, during the adversarial adaptive fine tuning stage, the target feature extractor is initialized and trained to maximize the domain classification loss, such that the domain discriminator can’t predict the do- main label of mapped source and target examples reliably. That is to say, instances sampled from the source and target domains have similar distributions after mapping. In addition, the layers between the source and target feature extractor during the training stage are partially untied to give consideration to the training e fficiency and the domain adaptability. Results in Section 4 shows that, compared with the state-of-the-art domain adaptive model WDCNN (AdaBN), the proposed A2CNN achieve higher accuracy under di fferent working con- ditions. Besides the commonly used fault diagnostic accuracy, we introduce two new evaluation indicators, precision and recall, to analyze the sensitivity of the proposed for each type of fault detection. A precision score of 1.0 for a fault type means that there is no false alarm. Whereas a recall of 1.0 means that there is no missing alarm. Compared with accuracy, precision and recall can evaluate the reliability of a model for certain type of fault recognition in more detail. This result shows that after adversarial training, the classification performance on every class achieve remarkable improvement. We can find that A2CNN can make almost every fault classified into the right class. The high precision and recall score of A2CNN implies that our model has fewer false alarms and missed alarms. Finally, through visualizing the feature maps learned by our model, we explore the inner mechanism of proposed model in fault diagnosis and domain adaptation, and verify that partially untied the layers between the source and target feature extractor is correct. References References [1] G. J. Vachtsevanos, F. Lewis, A. Hess, B. Wu, Intelligent fault diagnosis and prognosis for engineering systems, Wiley Online Library, 2006. [2] Z. Qiao, Y. Lei, J. Lin, F. Jia, An adaptive unsaturated bistable stochastic resonance method and its application in mechanical fault diagnosis, Mechanical Systems and Signal Processing 84 (2017) 731–746. [3] P. Albrecht, J. Appiarius, E. Cornell, D. Houghtaling, R. McCoy, E. Owen, D. Sharma, Assessment of the reliability of motors in utility applications, IEEE Transactions on Energy Conversion EC-2 (3) (1987) 396–406. doi:10. 1109/TEC.1987.4765865. [4] A. K. S. Jardine, D. Lin, D. Banjevic, A review on machinery diagnostics and prognostics implementing condition- based maintenance, MECHANICAL SYSTEMS AND SIGNAL PROCESSING 20 (7) (2006) 1483–1510. doi: {10.1016/j.ymssp.2005.09.012}. [5] L. Ya-Guo, H. Zheng-Jia, Advances in applications of hybrid intelligent fault diagnosis and prognosis technique [j], Journal of Vibration and Shock 9 (2011) 030. [6] K. He, G. Gkioxari, P. Doll´ar, R. Girshick, Mask r-cnn, in: Computer Vision (ICCV), 2017 IEEE International Conference on, IEEE, 2017, pp. 2980–2988. [7] L.-C. Chen, G. Papandreou, I. Kokkinos, K. Murphy, A. L. Yuille, Deeplab: Semantic image segmentation with deep convolutional nets, atrous convolution, and fully connected crfs, IEEE transactions on pattern analysis and machine intelligence 40 (4) (2018) 834–848. 17 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |