Electronic Components Datasheet Search
  English  ▼

X  

A2CNN Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A2CNN Datasheet HTML 3Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 4Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 5Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 6Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 7Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 8Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 9Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 10Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
belongs to as follows,
C MS (x
i
S )
=
p y
= 1|xi
S
p y
= 2|xi
S
..
.
p y
= K|xi
S
=
1
K
j
=1 e
u j
eu1
eu2
..
.
euK
,
(2)
where u j
= MS (xi
S ) j is the j-th value of MS (x
i
S ),
K
j
=1 e
u j is a normalized term, and p y
= j|MS (xi
S )
represent the distribution of the class j ∈ {1, 2, ..., K} given the input MS (x
i
S ). Give the source
domain data DS , the parameters of the source feature extractor MS can be derived by maximizing
the following supervised loss,
max
MS
Lcls(DS )
=
1
NS
NS
i
=1
K
j
=1
1{y
i
S = j} logC MS (x
i
S )
.
(3)
where 1{yi
S = j
} is an indicator function, whose value is 1 if yi
S = j, otherwise is 0.
Target feature extractor MT . Based on ”How to parametrize the target feature extractor”, the
approaches of most published adversarial adaptation works can be summarized into two cate-
gories: symmetric transformation and asymmetric transformation. For many prior symmetric
transformation methods [39, 40], all layers are constrained, thus enforcing exact source and tar-
get mapping consistency. Although learning a symmetric transformation can reduce the number
of parameters in the model, this may make the optimization poorly conditioned, since the same
network must handle samples from two separate domains [41]. The intuitive idea behind the
asymmetric transformation is to constrain a subset of the layers. Rozantsev et al. [42] showed
that partially shared weights can lead to e
ffective adaptation in both supervised and unsupervised
settings. We choose to learn parameters of the target feature extractor MT by partially untying
layers between source and target mappings. As shown in Figure 1, solid lines indicate tied layers,
and dashed lines indicate adaptive layers. Given that the target domain is unlabeled, we initialize
the parameters of the target feature extractor MT with the source feature extractor MS .
Domain discriminator D. For an instance xi
S (resp. x
i
T ), the output feature vector MS (x
i
S ) (resp.
MT (x
i
T )) mapped by the feature extractor MS (resp. MT ), pseudo-labeled with a domain label
di
= 0 (resp. di = 1), is the input of the domain discriminator D. The domain discriminator
D
is a multi-layer perceptron (MLP), which is composed of several fully-connected layers (e.g.
input →
500 → 500 → 1). The domain discriminator is in the binary classification setting. With
the logistic regression model, its loss takes the form below,
max
D
Ladv
D =
1
NS
NS
i
=1
logD
(MS (x
i
S )) +
1
NT
NT
i
=1
log
(1 − D(MT (x
i
T )) .
(4)
In order to obtain domain-invariant features, we seek the parameters of the target feature
extractor MT to fool the domain discriminator D by maximizing the following loss function
Ladv
MT with inverted domain labels [36],
max
MT
Ladv
MT =
1
NT
NT
i
=1
logD
(MT (x
i
T )) .
(5)
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com