Electronic Components Datasheet Search
  English  ▼

X  

A2CNN Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button A2CNN Datasheet HTML 8Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 9Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 10Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 11Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 12Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 13Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 14Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 15Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
(AdaBN) with average accuracy being 95.95%. This result prove that the features learned by
A2CNN are more domain invariant than the features learned by the other methods.
In addition, by comparing A2CNN with A2CNNS , we can find that in every scenario, the
performance of A2CNN is superior to A2CNNS . This means that the adversarial adaptation
training can significantly improve the bearing fault diagnosis under varying working conditions.
It is also interesting that when adapting from Domain A to B, from B to A, from B to C,
and from C to B, the fault diagnosis accuracy of the proposed A2CNN is only a bit better than
WDCNN (AdaBN). However, when adapting from domain A to C and C to A, the proposed
A2CNN is significantly better than the other methods. This result prove that A2CNN is good at
solving the problem that the distributions of source domain and target domain are far di
fferent.
4.4. Sensitivity Analysis of Faults
For each type of fault detection, in order to further analyze the sensitivity of the proposed
A2CNN model, we introduce two new evaluation indicators, i.e. precision and recall, which are
widely used in pattern recognition, information retrieval and binary classification.
In the fault diagnosis context, the precision and recall for a kind of fault type f can be
calculated as below,
precision
( f )
=
T P
T P
+ FP
, recall( f ) =
T P
T P
+ FN
,
(7)
where true positives (T P) means the number of faults correctly identified as f , false positives
(FP) means the number of faults incorrectly labeled as f and false negatives (FN) means the
number of faults f incorrectly labeled as not belonging to f .
A precision score of 1.0 for a fault type f means that every sample labeled as belonging
to class f does indeed belong to class f (i.e. there is no false alarm), but it can’t tell us about
the number of samples from class f that were not labeled correctly (i.e. how many failures are
missing?).
Whereas a recall of 1.0 means that every item from a fault type f was labeled as belonging
to class f (i.e. there is no missing alarm), but says nothing about how many other items were
incorrectly also labeled as belonging to class f (i.e. how many false alarms are there?).
The precision and recall of every class processed by A2CNN and A2CNNS are detailed in
Table 3 and Table 4.
In Table 3, for the 3rd kinds of fault (i.e. IF with fault size being 0.014 in.), A2CNNS has low
precision
when adapting from domain B to C and from C to A, which are 49.63% and 57.55%
respectively. This means that about half of that kind of fault alarms are unreliable.
Meanwhile, in Table 4, for the 2nd kinds of fault (i.e. IF with fault size being 0.007 in.),
A2CNNS has very low recall when adapting from domain B to C and from C to A, which are
1.13% and 26.75% respectively. This means that about a large number of that kind of failures
are not detected.
In general, the precision and recall of A2CNN are higher than that of A2CNNS , which im-
plies that A2CNN has fewer false alarms (i.e. high precision score ) and missed alarms (i.e.
high recall score ). We can find that A2CNN can make almost all class classified into right
class, except BF with fault size being 0.014 in and BF with fault size being 0.021 in. This result
shows that after adversarial fine tuning, the classification performance on every class achieve
remarkable improvement.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com