Electronic Components Datasheet Search
  English  ▼

X  

CC3230SF Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC3230SF
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3230SF Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC3230SF Datasheet HTML 28Page - Texas Instruments CC3230SF Datasheet HTML 29Page - Texas Instruments CC3230SF Datasheet HTML 30Page - Texas Instruments CC3230SF Datasheet HTML 31Page - Texas Instruments CC3230SF Datasheet HTML 32Page - Texas Instruments CC3230SF Datasheet HTML 33Page - Texas Instruments CC3230SF Datasheet HTML 34Page - Texas Instruments CC3230SF Datasheet HTML 35Page - Texas Instruments CC3230SF Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
8.5 Current Consumption Summary (CC3230S)
Table 8-1. Current Consumption Summary (CC3230S)
TA = 25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (5)
MIN
TYP(6)
MAX UNIT
MCU ACTIVE
NWP ACTIVE
TX
1 DSSS
TX power level = 0
272
mA
TX power level = 4
190
6 OFDM
TX power level = 0
248
TX power level = 4
182
54 OFDM
TX power level = 0
223
TX power level = 4
160
RX
1 DSSS
59
54 OFDM
59
NWP idle connected(3)
15.3
MCU SLEEP
NWP ACTIVE
TX
1 DSSS
TX power level = 0
269
mA
TX power level = 4
187
6 OFDM
TX power level = 0
245
TX power level = 4
179
54 OFDM
TX power level = 0
220
TX power level = 4
157
RX
1 DSSS
56
54 OFDM
56
NWP idle connected(3)
12.2
MCU LPDS
NWP ACTIVE
TX
1 DSSS
TX power level = 0
266
mA
TX power level = 4
184
6 OFDM
TX power level = 0
242
TX power level = 4
176
54 OFDM
TX power level = 0
217
TX power level = 4
154
RX
1 DSSS
53
54 OFDM
53
NWP LPDS(2)
120 µA at 64KB
135 µA at 256KB
135
µA
NWP idle connected(3)
710
MCU SHUTDOWN
MCU shutdown
1
µA
MCU HIBERNATE
MCU hibernate
4.5
µA
Peak calibration current(4)
VBAT = 3.6 V
420
mA
VBAT = 3.3 V
450
VBAT = 2.1 V
670
(1)
TX power level = 0 implies maximum power (see Figure 8-1, Figure 8-2, and Figure 8-3). TX power level = 4 implies output power
backed off approximately 4 dB.
(2)
LPDS current does not include the external serial flash. The LPDS number of reported is with retention of 256KB of MCU SRAM. The
CC3230x device can be configured to retain 0KB, 64KB, 128KB, 192KB, or 256KB of SRAM in LPDS. Each 64-KB block of MCU
retained SRAM increases LPDS current by 4 µA.
(3)
DTIM = 1
(4)
The complete calibration can take up to 17 mJ of energy from the battery over a time of 24 ms. In default mode, calibration is
performed sparingly, and typically occurs when re-enabling the NWP and when the temperature has changed by more than 20°C.
There are two additional calibration modes that may be used to reduced or completely eliminate the calibration event. For further
details, see CC31xx, CC32xx SimpleLink™ Wi-Fi® and IoT Network Processor Programmer's Guide.
(5)
The CC3230x system is a constant power-source system. The active current numbers scale based on the VBAT voltage supplied.
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com