Electronic Components Datasheet Search
  English  ▼

X  

CC3230SF Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC3230SF
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3230SF Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC3230SF Datasheet HTML 45Page - Texas Instruments CC3230SF Datasheet HTML 46Page - Texas Instruments CC3230SF Datasheet HTML 47Page - Texas Instruments CC3230SF Datasheet HTML 48Page - Texas Instruments CC3230SF Datasheet HTML 49Page - Texas Instruments CC3230SF Datasheet HTML 50Page - Texas Instruments CC3230SF Datasheet HTML 51Page - Texas Instruments CC3230SF Datasheet HTML 52Page - Texas Instruments CC3230SF Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
8.16.5.3 Fast Clock (Fref) Using an External Crystal
The CC3230x device also incorporates an internal crystal oscillator to support a crystal-based fast clock. The
crystal is fed directly between WLAN_XTAL_P (pin 23) and WLAN_XTAL_N (pin 22) with suitable loading
capacitors.
Figure 8-11 shows the crystal connections for the fast clock.
WLAN_XTAL_P
WLAN_XTAL_N
23
22
40 MHz
GND
GND
6.2 pF
6.2 pF
SWAS031-030
A. The crystal capacitance must be tuned to ensure that the PPM requirement is met. See CC31xx & CC32xx Frequency Tuning for
information on frequency tuning.
Figure 8-11. Fast Clock Crystal Connections
Section 8.16.5.3.1 lists the WLAN fast-clock crystal requirements.
8.16.5.3.1 WLAN Fast-Clock Crystal Requirements
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
40
MHz
Frequency accuracy
Initial plus temperature plus aging
±20
ppm
Crystal ESR
40 MHz
60
Ω
www.ti.com
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: CC3230S CC3230SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com