Electronic Components Datasheet Search
  English  ▼

X  

CC3230SF Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CC3230SF
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3230SF Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC3230SF Datasheet HTML 15Page - Texas Instruments CC3230SF Datasheet HTML 16Page - Texas Instruments CC3230SF Datasheet HTML 17Page - Texas Instruments CC3230SF Datasheet HTML 18Page - Texas Instruments CC3230SF Datasheet HTML 19Page - Texas Instruments CC3230SF Datasheet HTML 20Page - Texas Instruments CC3230SF Datasheet HTML 21Page - Texas Instruments CC3230SF Datasheet HTML 22Page - Texas Instruments CC3230SF Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
7.3 Signal Descriptions
7.3.1 Signal Descriptions
FUNCTION
SIGNAL NAME
PIN
NO.
PIN
TYPE
SIGNAL
DIRECTION
DESCRIPTION
ADC
ADC_CH0
57
I/O
I
ADC channel 0 input (maximum of 1.5 V)
ADC_CH1
58
I/O
I
ADC channel 1 input (maximum of 1.5 V)
ADC_CH2
59
I/O
I
ADC channel 2 input (maximum of 1.5 V)
ADC_CH3
60
I
I
ADC channel 3 input (maximum of 1.5 V)
Antenna
selection
GPIO10
1
I/O
O
Antenna selection control
GPIO11
2
I/O
O
GPIO12
3
I/O
O
GPIO13
4
I/O
O
GPIO14
5
I/O
O
GPIO15
6
I/O
O
GPIO16
7
I/O
O
GPIO17
8
I/O
O
GPIO22
15
I/O
O
GPIO28
18(2)
I/O
O
GPIO25
21
O
O
ANTSEL1
29
O
O
ANTSEL2
30
O
O
GPIO31
45(2) (1)
I/O
O
GPIO0
50
I/O
O
GPIO32
52(2)
I/O
O
GPIO30
53(2)
I/O
O
GPIO3
58
I/O
O
GPIO4
59
I/O
O
GPIO5
60
I/O
O
GPIO6
61
I/O
O
GPIO8
63
I/O
O
GPIO9
64
I/O
O
www.ti.com
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CC3230S CC3230SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com