Electronic Components Datasheet Search
  English  ▼

X  

CC3230SF Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # CC3230SF
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3230SF Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC3230SF Datasheet HTML 68Page - Texas Instruments CC3230SF Datasheet HTML 69Page - Texas Instruments CC3230SF Datasheet HTML 70Page - Texas Instruments CC3230SF Datasheet HTML 71Page - Texas Instruments CC3230SF Datasheet HTML 72Page - Texas Instruments CC3230SF Datasheet HTML 73Page - Texas Instruments CC3230SF Datasheet HTML 74Page - Texas Instruments CC3230SF Datasheet HTML 75Page - Texas Instruments CC3230SF Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
9.7.2.4 Memory Map
Table 9-5 describes the various MCU peripherals and how they are mapped to the processor memory. For more
information on peripherals, see the API document.
Table 9-5. Memory Map
START ADDRESS
END ADDRESS
DESCRIPTION
COMMENT
0x0000 0000
0x0007 FFFF
On-chip ROM (bootloader + DriverLib)
0x0100 0000
0x010F FFFF
On-chip flash (for user application code)
CC3230SF device only
0x2000 0000
0x2003 FFFF
Bit-banded on-chip SRAM
0x2200 0000
0x23FF FFFF
Bit-band alias of 0x2000 0000 to 0x200F FFFF
0x4000 0000
0x4000 0FFF
Watchdog timer A0
0x4000 4000
0x4000 4FFF
GPIO port A0
0x4000 5000
0x4000 5FFF
GPIO port A1
0x4000 6000
0x4000 6FFF
GPIO port A2
0x4000 7000
0x4000 7FFF
GPIO port A3
0x4000 C000
0x4000 CFFF
UART A0
0x4000 D000
0x4000 DFFF
UART A1
0x4002 0000
0x4000 07FF
I2C A0 (master)
0x4002 0800
0x4002 0FFF
I2C A0 (slave)
0x4002 4000
0x4002 4FFF
GPIO group 4
0x4003 0000
0x4003 0FFF
General-purpose timer A0
0x4003 1000
0x4003 1FFF
General-purpose timer A1
0x4003 2000
0x4003 2FFF
General-purpose timer A2
0x4003 3000
0x4003 3FFF
General-purpose timer A3
0x400F 7000
0x400F 7FFF
Configuration registers
0x400F E000
0x400F EFFF
System control
0x400F F000
0x400F FFFF
µDMA
0x4200 0000
0x43FF FFFF
Bit band alias of 0x4000 0000 to 0x400F FFFF
0x4401 0000
0x4401 0FFF
SDIO master
0x4401 8000
0x4401 8FFF
Camera Interface
0x4401 C000
0x4401 DFFF
McASP
0x4402 0000
0x4402 1FFF
SSPI
Used for external serial flash
0x4402 1000
0x4402 2FFF
GSPI
Used by application processor
0x4402 5000
0x4402 5FFF
MCU reset clock manager
0x4402 6000
0x4402 6FFF
MCU configuration space
0x4402 D000
0x4402 DFFF
Global power, reset, and clock manager (GPRCM)
0x4402 E000
0x4402 EFFF
MCU shared configuration
0x4402 F000
0x4402 FFFF
Hibernate configuration
0x4403 0000
0x4403 FFFF
Crypto range (includes apertures for all crypto-related
blocks as follows)
0x4403 0000
0x4403 0FFF
DTHE registers and TCP checksum
0x4403 5000
0x4403 5FFF
MD5/SHA
0x4403 7000
0x4403 7FFF
AES
0x4403 9000
0x4403 9FFF
DES
0xE000 0000
0xE000 0FFF
Instrumentation trace Macrocell™
0xE000 1000
0xE000 1FFF
Data watchpoint and trace (DWT)
0xE000 2000
0xE000 2FFF
Flash patch and breakpoint (FPB)
0xE000 E000
0xE000 EFFF
NVIC
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
72
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com