Electronic Components Datasheet Search
  English  ▼

X  

CC3230SF Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC3230SF
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3230SF Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3230SF Datasheet HTML 8Page - Texas Instruments CC3230SF Datasheet HTML 9Page - Texas Instruments CC3230SF Datasheet HTML 10Page - Texas Instruments CC3230SF Datasheet HTML 11Page - Texas Instruments CC3230SF Datasheet HTML 12Page - Texas Instruments CC3230SF Datasheet HTML 13Page - Texas Instruments CC3230SF Datasheet HTML 14Page - Texas Instruments CC3230SF Datasheet HTML 15Page - Texas Instruments CC3230SF Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
PINS
TYPE
DESCRIPTION
SELECT AS
WAKEUP
SOURCE
CONFIGURE
ADDITIONAL
ANALOG MUX
MUXED
WITH JTAG
NO.
NAME
36
LDO_IN1
Power
Analog RF supply from analog
DCDC output
N/A
N/A
N/A
37
VIN_DCDC_ANA
Power
Analog DC-DC supply input
(same as battery voltage)
N/A
N/A
N/A
38
DCDC_ANA_SW
Power
Analog DC/DC converter
switching node
N/A
N/A
N/A
39
VIN_DCDC_PA
Power
PA DC/DC converter input supply
(same as battery voltage)
N/A
N/A
N/A
40
DCDC_PA_SW_P
Power
PA DC/DC converter +ve
switching node
N/A
N/A
N/A
41
DCDC_PA_SW_N
Power
PA DC/DC converter –ve
switching node
N/A
N/A
N/A
42
DCDC_PA_OUT
Power
PA DC/DC converter output.
N/A
N/A
N/A
43
DCDC_DIG_SW
Power
Digital DC/DC converter switching
node
N/A
N/A
N/A
44
VIN_DCDC_DIG
Power
Digital DC/DC converter supply
input (same as battery voltage)
N/A
N/A
N/A
45(4)
DCDC_ANA2_SW_P
I/O
Analog2 DCDC converter +ve
switching node
No
User configuration
not required (3)
No
46
DCDC_ANA2_SW_N
Power
Analog2 DC-DC converter -ve
switching node
N/A
N/A
N/A
47
VDD_ANA2
Power
Analog2 DC-DC output
N/A
N/A
N/A
48
VDD_ANA1
Power
Analog1 power supply fed by
ANA2 DC-DC output
N/A
N/A
N/A
49
VDD_RAM
Analog
SRAM LDO output
N/A
N/A
N/A
50
GPIO0
I/O
General-purpose input or output
No
User configuration
not required (3)
No
51
RTC_XTAL_P
Analog
32.768-kHz XTAL_P or external
CMOS level clock input
N/A
N/A
N/A
52(5)
RTC_XTAL_N
Analog
32.768-kHz XTAL_N
N/A
User configuration
not required (3) (7)
No
53
GPIO30
I/O
General-purpose input or output
No
User configuration
not required (3)
No
54
VIN_IO2
Analog
Chip supply voltage (VBAT)
N/A
N/A
N/A
55
GPIO1
I/O
General-purpose input or output
No
No
No
56
VDD_DIG2
Analog
Internal digital core voltage
N/A
N/A
N/A
57(6)
GPIO2
I/O
Analog input (1.5V max) or
general-purpose input or output
Wake-up source
See (8)
No
58(6)
GPIO3
I/O
Analog input (1.5V max) or
general-purpose input or output
No
See (8)
No
59(6)
GPIO4
I/O
Analog input (1.5V max) or
general-purpose input or output
Wake-up source
See (8)
No
60(6)
GPIO5
I/O
Analog input (1.5V max) or
general-purpose input or output
No
See (8)
No
61
GPIO6
I/O
General-purpose input or output
No
No
No
62
GPIO7
I/O
General-purpose input or output
No
No
No
63
GPIO8
I/O
General-purpose input or output
No
No
No
64
GPIO9
I/O
General-purpose input or output
No
No
No
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com