Electronic Components Datasheet Search
  English  ▼

X  

CC3230SF Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # CC3230SF
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3230SF Datasheet(HTML) 86 Page - Texas Instruments

Back Button CC3230SF Datasheet HTML 82Page - Texas Instruments CC3230SF Datasheet HTML 83Page - Texas Instruments CC3230SF Datasheet HTML 84Page - Texas Instruments CC3230SF Datasheet HTML 85Page - Texas Instruments CC3230SF Datasheet HTML 86Page - Texas Instruments CC3230SF Datasheet HTML 87Page - Texas Instruments CC3230SF Datasheet HTML 88Page - Texas Instruments CC3230SF Datasheet HTML 89Page - Texas Instruments CC3230SF Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
10.2.3 Clock Interface Guidelines
The following guidelines are for the slow clock:
• The 32.768-kHz crystal must be placed close to the VQFN package.
• Ensure that the load capacitance is tuned according to the board parasitics to the frequency tolerance within
±150 ppm.
• The ground plane on layer two is solid below the trace lanes, and there is ground around these traces on the
top layer.
The following guidelines are for the fast clock:
• The 40-MHz crystal must be placed close to the VQFN package.
• Ensure that the load capacitance is tuned according to the board parasitics to the frequency tolerance within
±10 ppm at room temperature. The total frequency across parts, temperature, and with aging must be ±25
ppm to meet the WLAN specification.
• To avoid noise degradation, ensure that no high-frequency lines are routed close to the routing of the crystal
pins.
• Ensure that crystal tuning capacitors are close to the crystal pads.
• Both traces (XTAL_N and XTAL_P) should be as close as possible to parallel and approximately the same
length.
• The ground plane on layer two is solid below the trace lines, and there should be ground around these traces
on the top layer.
• For frequency tuning, see CC31xx & CC32xx Frequency Tuning.
10.2.4 Digital Input and Output Guidelines
The following guidelines are for the digital I/Os:
• Route SPI and UART lines away from any RF traces.
• Keep the length of the high-speed lines as short as possible to avoid transmission line effects.
• Keep the line lower than 1/10 of the rise time of the signal to ignore transmission line effects (required if the
traces cannot be kept short). Place the resistor at the source end closer to the device that is driving the
signal.
• Add a series-terminating resistor for each high-speed line (for example, SPI_CLK or SPI_DATA) to match the
driver impedance to the line. Typical terminating-resistor values range from 27 to 36 Ω for a 50-Ω line
impedance.
• Route high-speed lines with a continuous ground reference plane below it to offer good impedance
throughout. This routing also helps shield the trace against EMI.
• Avoid stubs on high-speed lines to minimize the reflections. If the line must be routed to multiple locations,
use a separate line driver for each line.
• If the lines are longer compared to the rise time, add series-terminating resistors near the driver for each
high-speed line to match the driver impedance to the line. Typical terminating-resistor values range from 27 to
36 Ω for a 50-Ω line impedance.
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
86
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com