Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6321 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments LMH6321 Datasheet HTML 10Page - Texas Instruments LMH6321 Datasheet HTML 11Page - Texas Instruments LMH6321 Datasheet HTML 12Page - Texas Instruments LMH6321 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
100
1k
10k
100k
1M
10M
D014
HD2
HD3
Low-IQ mode, VIN = 10 VPP, RL = 1 kΩ
Figure 7-13. Harmonic Distortion vs Frequency
Frequency (Hz)
-70
-60
-50
-40
-30
100
1k
10k
100k
1M
10M
D015
HD2
HD3
Low-IQ mode, VIN = 10 VPP, RL = 100 Ω
Figure 7-14. Harmonic Distortion vs Frequency
Resistance (:)
30
60
90
120
150
180
210
240
10
100
1k
10k
100k
1M
D001
RL = 1 k:
RL = 100 :
Figure 7-15. Small-Signal Bandwidth vs Bandwidth
Adjustment Resistance
Junction Temperature (oC)
-50
-25
0
25
50
75
100
125
150
275
300
325
350
375
400
425
D016
Low-IQ
Wide-BW
Figure 7-16. Short-Circuit Current vs Temperature
|Output Current| (mA)
0
50
100
150
200
250
12.3
-14
12.6
-13.6
12.9
-13.2
13.2
-12.8
13.5
-12.4
13.8
-12
14.1
-11.6
D035
TA = 25
oC
TA = -40
oC
TA = 125
oC
Wide-BW mode (solid lines indicate sourcing current, dashed
lines indicate sinking current)
Figure 7-17. Output Voltage Swing vs Output
Current
|Output Current| (mA)
0
50
100
150
200
250
12
-14.4
12.3
-14
12.6
-13.6
12.9
-13.2
13.2
-12.8
13.5
-12.4
13.8
-12
14.1
-11.6
D034
TA = -40
oC
TA = 25
oC
TA = 125
oC
Low-IQ mode (solid lines indicate sourcing current, dashed
lines indicate sinking current)
Figure 7-18. Output Voltage Swing vs Output
Current
www.ti.com
BUF634A
SBOS948D – FEBRUARY 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com