Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6321 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 18Page - Texas Instruments LMH6321 Datasheet HTML 19Page - Texas Instruments LMH6321 Datasheet HTML 20Page - Texas Instruments LMH6321 Datasheet HTML 21Page - Texas Instruments LMH6321 Datasheet HTML 22Page - Texas Instruments LMH6321 Datasheet HTML 23Page - Texas Instruments LMH6321 Datasheet HTML 24Page - Texas Instruments LMH6321 Datasheet HTML 25Page - Texas Instruments LMH6321 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
11.1.2 HSOIC Layout Guidelines (DDA Package With a Thermal Pad)
Figure 11-1 shows the DDA package top-side etch and via pattern.
0.300
(7,62)
0.100
(2,54)
0.035
(0,89)
0.010
(0,254)
0.030
(0,732)
0.026
(0,66)
0.176
(4,47)
0.050
(1,27)
0.080
(2,03)
0.035
(0,89)
0.010
vias
(0.254)
0.140
(3,56)
0.060
(1,52)
0.060
(1,52)
AllUnitsininches(millimeters)
Figure 11-1. DDA Thermal Pad Integrated Circuit Package PCB Etch and Via Pattern
1. Use an etch for the leads and the thermal pad.
2. Place 13 vias in the thermal pad area. These vias must be 0.01 inch (0.254 mm) in diameter. Keep the vias
small so that solder wicking through the vias is not a problem during reflow.
3. Additional vias may be placed anywhere along the thermal plane outside of the thermal pad area, and help
dissipate the heat generated by the BUF634A. These additional vias may be larger than the 0.01-inch (0.254
mm) diameter vias directly under the thermal pad because they are not in the area that requires soldering. As
a result, wicking is not a problem.
4. The thermal pad is internally connected with V–. Therefore, always short the thermal pad to the same
potential as V– externally as well.
5. Connect all vias used under the thermal pad to remove heat to the V– plane.
6. When connecting these vias to the V– plane, do not use the typical web or spoke connection methodology.
Web and spoke connections have a high thermal resistance that slows the heat transfer during soldering. The
vias under the BUF634A thermal pad must connect to the internal thermal plane or thermal pour with a
complete connection around the entire circumference of the plated-through hole.
7. The top-side solder mask must leave the pins of the package and the thermal pad area with the 13 vias
exposed.
8. Apply solder paste to the exposed thermal pad area and all of the device pins.
9. With these preparatory steps in place, the device is placed in position and run through the solder reflow
operation as any standard surface-mount component.
BUF634A
SBOS948D – FEBRUARY 2019 – REVISED SEPTEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com