Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6321 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 16Page - Texas Instruments LMH6321 Datasheet HTML 17Page - Texas Instruments LMH6321 Datasheet HTML 18Page - Texas Instruments LMH6321 Datasheet HTML 19Page - Texas Instruments LMH6321 Datasheet HTML 20Page - Texas Instruments LMH6321 Datasheet HTML 21Page - Texas Instruments LMH6321 Datasheet HTML 22Page - Texas Instruments LMH6321 Datasheet HTML 23Page - Texas Instruments LMH6321 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
10 Power Supply Recommendations
The BUF634A is intended for operation on supplies ranging from 4.5 V to 36 V (±2.25 V to ±18 V). At low power-
supply conditions, such as ±2.25 V, the output swing may be limited. See the output voltage range specifications
in the Electrical Characteristics tables for additional information. The BUF634A can be operated on single-sided
supplies, split, and balanced bipolar supplies or unbalanced bipolar supplies. Operating from a single supply can
have numerous advantages. With the negative supply at ground, the DC errors resulting from the –PSRR term
can be minimized. Minimize the distance (< 0.1 in.) from the power-supply pins to high-frequency, 0.1-µF
decoupling capacitors. A larger capacitor (10 µF typical) is used along with a high-frequency, 0.1-µF supply-
decoupling capacitor at the device supply pins. For single-supply operation, only the positive supply has these
capacitors. When a split-supply is used, use these capacitors from each supply to ground. If necessary, place
the larger capacitors further from the device and share these capacitors among several devices in the same area
of the PCB.
10.1 Power Dissipation and Thermal Considerations
The BUF634A includes automatic thermal shutoff protection. This protection circuitry shuts down the amplifier if
the junction temperature exceeds approximately 180°C. When the junction temperature decreases to
approximately 160°C, the buffer turns on again. The package and the PCB dictate the thermal characteristics of
the device. Maximum power dissipation for a particular package is calculated using the following formula.
max
A
D max
JA
T
T
P
T
(1)
where
• PDmax is the maximum power dissipation in the amplifier (W).
• Tmax is the absolute maximum junction temperature (°C).
• TA is the ambient temperature (°C).
• θJA = θJC + θCA
• θJC is the thermal coefficient from the silicon junctions to the case (°C/W).
• θCA is the thermal coefficient from the case to ambient air (°C/W).
The thermal coefficient for the thermal pad integrated circuit packages are substantially improved over the
traditional SOIC package. The data for the thermal pad packages assume a board layout that follows the thermal
pad package layout guidelines referenced above and detailed in the PowerPAD™ Thermally Enhanced Package
application report. If the thermal package integrated circuit package is not soldered to the PCB, the thermal
impedance increases substantially and may cause serious heat and performance issues.
When determining whether or not the device satisfies the maximum power dissipation requirement, make sure to
consider not only quiescent power dissipation, but dynamic power dissipation. Often times, this dissipation is
difficult to quantify because the signal pattern is inconsistent, but an estimate of the RMS power dissipation
provides visibility into a possible problem.
BUF634A
SBOS948D – FEBRUARY 2019 – REVISED SEPTEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com