Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6321
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6321 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 12Page - Texas Instruments LMH6321 Datasheet HTML 13Page - Texas Instruments LMH6321 Datasheet HTML 14Page - Texas Instruments LMH6321 Datasheet HTML 15Page - Texas Instruments LMH6321 Datasheet HTML 16Page - Texas Instruments LMH6321 Datasheet HTML 17Page - Texas Instruments LMH6321 Datasheet HTML 18Page - Texas Instruments LMH6321 Datasheet HTML 19Page - Texas Instruments LMH6321 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
Figure 9-1 shows the BUF634A connected as an open-loop buffer. The source impedance and optional input
resistor, RS, influence the frequency response; see Figure 7-3. Bypass the power supplies with capacitors
connected close to the device pins. Capacitor values as low as 0.1 µF assure stable operation in most
applications, but high output current and fast output slewing can demand large current transients from the power
supplies, requiring the use of solid tantalum 10-µF capacitors. High-frequency, open-loop applications benefit
from special bypassing and layout considerations. See the Section 9.1.1 section for more information. If the
BUF634A input is left floating, the device output can swing to either of the supplies based on the input bias
current polarity.
Optiona l conn ection
for wide ba ndwidth ±
See Adju stable Ba ndwidth
section
Figure 9-1. Buffer Connections
9.1.1 High-Frequency Applications
The excellent bandwidth and fast slew rate of the BUF634A are useful in a variety of high-frequency, open-loop
applications. When operated in an open-loop application, printed circuit board (PCB) layout and bypassing
techniques can affect dynamic performance. Figure 9-2 through Figure 9-6 illustrate various application circuit
examples for the BUF634A.
For best results, use a ground-plane-type circuit board layout and bypass the power supplies with 0.1-µF
ceramic chip capacitors at the device pins in parallel with solid tantalum 10-µF capacitors. Source resistance
affects high-frequency peaking, step-response overshoot, and ringing. Best response is usually achieved with a
series input resistor of 25 Ω to 200 Ω, depending on the signal source. Response with some loads (especially
capacitive) can be improved with a resistor of 10 Ω to 150 Ω in series with the output. When driving multiple
device under test (DUT) inputs in automatic test equipment (ATE) testers (large capacitive load), as illustrated in
Figure 9-3, place an isolation resistor at the output of the BUF634A for adequate phase margin and stability.
BUF634A
SBOS948D – FEBRUARY 2019 – REVISED SEPTEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BUF634A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com