Electronic Components Datasheet Search
  English  ▼

X  

5490C Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 5490C
Description  Digital Multimeters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5490C Datasheet(HTML) 4 Page - B&K Precision Corporation

  5490C Datasheet HTML 1Page - B&K Precision Corporation 5490C Datasheet HTML 2Page - B&K Precision Corporation 5490C Datasheet HTML 3Page - B&K Precision Corporation 5490C Datasheet HTML 4Page - B&K Precision Corporation 5490C Datasheet HTML 5Page - B&K Precision Corporation 5490C Datasheet HTML 6Page - B&K Precision Corporation 5490C Datasheet HTML 7Page - B&K Precision Corporation 5490C Datasheet HTML 8Page - B&K Precision Corporation 5490C Datasheet HTML 9Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Digital Multimeters
5490C Series
4
www.bkprecision.com
Specifications - 5492C / 5492CGPIB
Specifications are based on the following conditions:
- One year calibration cycle
- Calibration temperature T
CAL = 23 °C
- Accuracy specifications: ± (% of reading + % of range), valid for T
CAL ±5 ºC
- For DC: The technical specifications are valid after a warm-up time of 60 minutes, with the integration time set to 10 or 100 NPLC, and auto zero enabled.
- For AC: The technical specifications are valid after a warm-up time of 60 minutes, slow AC filtering enabled, using a sine wave input signal.
Range(1)
Resolution
Full Scale
Reading
Accuracy
(1 year)
100 mV
1 µV
119.999 mV
0.012 + 0.008
1 V
10 µV
1.19999 V
0.010 + 0.005
10 V
100 µV
11.9999 V
0.010 + 0.005
100 V
1 mV
119.999 V
0.010 + 0.005
1000 V
10 mV
1050.00 V
0.010 + 0.005
(1) 20% overrange on all ranges except 1000 V can only test 5% overrange.
DC Current
Range
Burden
Voltage
Resolution Full Scale
Reading
Accuracy
(1 year)
100 µA
< 0.011 V
1 nA
119.999 µA
0.050 + 0.008
1 mA
< 0.11 V
10 nA
1.19999 mA
0.050 + 0.005
10 mA
< 0.05 V
0.1 µA
11.9999 mA
0.050 + 0.008
100 mA
< 0.5 V
1 µA
119.999 mA
0.050 + 0.005
1 A
< 0.7 V
10 µA
1.19999 A
0.100 + 0.010
3 A
< 2.0 V
10 µA
3.1500 A
0.150 + 0.020
10 A
< 0.5 V
100 µA
11.9999 A
0.200 + 0.010
Range(3)
Test Current
Resolution
Full Scale Reading
Accuracy (1 year)
10 Ω
10 mA
0.1 mΩ
11.9999 Ω
0.050 + 0.008
100 Ω
10 mA
1 mΩ
119.999 Ω
0.040 + 0.005
1 kΩ
1 mA
10 mΩ
1.19999 kΩ
0.030 + 0.004
10 kΩ
100 µA
0.1 mΩ
11.9999 kΩ
0.030 + 0.004
100 kΩ(4)
50 µA
1 Ω
119.999 kΩ
0.030 + 0.004
1 MΩ
5 µA
10 Ω
1.19999 MΩ
0.030 + 0.004
10 MΩ
500 nA
100 Ω
11.9999 MΩ
0.100 + 0.004
100 MΩ
500 nA || 10 MΩ
1 kΩ
119.999 MΩ
1.000 + 0.010
DC Resistance(2)
(2) Specifications apply to 2-wire and 4-wire resistance measurements using NULL for offset. Without NULL, add 0.2 Ω additional error for 2-wire measurements.
(3) 20% overrange on all ranges
(4) To eliminate noise interference, it is recommended to use shielded test cables for resistance measurements above 100 kΩ.
DC Voltage
Range(5)
Test Current
Full Scale
Reading
Accuracy
(1 year)
1 nF
10 µA
1.19999 nF
1.0 + 0.5
10 nF
10 µA
11.9999 nF
0.5 + 0.1
100 nF
10 µA
119.999 nF
0.5 + 0.1
1 µF
100 µA
1.19999 µF
0.5 + 0.1
10 µF
100 µA
11.9999 µF
0.5 + 0.1
100 µF
1 mA
119.999 µF
0.5 + 0.1
1 mF
10 mA
1.19999 mF
0.5 + 0.1
10 mF
10 mA
11.9999 mF
1.0 + 0.50
Capacitance
Frequency
Range
Resolution
Full Scale
Reading
Accuracy
(1 year)
3 Hz to 10 Hz
10 µHz
9.99999 Hz
0.050 + 50
10 Hz to 100 Hz
100 µHz
99.9999 Hz
0.010 + 10
100 Hz to 1 kHz
1 mHz
999.999 Hz
0.005 + 2
1 kHz to 10 kHz
10 mHz
9.99999 kHz
0.005 + 2
10 kHz to 100 kHz
0.1 Hz
99.9999 kHz
0.005 + 2
100 kHz to 300 kHz
1 Hz
300.000 kHz
0.005 + 2
300 kHz to 1 MHz (8)
1 Hz
999.999 kHz
0.005 + 2
Frequency(6)(7)
(6) Applies to sine wave input and gate time set to 1 second.
(7) For sine wave input larger than 100 mV. For a 10 mV to 100 mV input, multiply the
% of reading error by 10.
(8) For frequency measurements greater than 750 kHz, use manual ranges for best
accuracy.
(5) 20% overrange on all ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com